Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5151 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-5151
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5151 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5151 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Switching Specifications (AC)
Over recommended operating conditions (TA = -55 to +125°C, IF(ON) = 10 to 18 mA, VF(OFF) = -3.0 to 0.8V, VCC = 15 to 30 V,
VEE = Ground) unless otherwise specified.
Parameter
Symbol
Test Conditions
Group A
Subgroups
(13)
Limits
Units
Fig.
Note
Min.
Typ.*
Max.
Propagation Delay
Time to High
Output Level
tPLH
Rg = 47 Ω,
Cg = 3 nF,
f = 10 kHz,
Duty Cycle = 50%
9, 10, 11
0.10
0.30
0.50
µs
10, 11,
12, 13,
14, 23
11
Propagation Delay
Time to Low Output
Level
tPHL
9, 10, 11
0.10
0.30
0.50
µs
Pulse Width
Distortion
PWD
9, 10, 11
0.3
µs
12
Propagation Delay
Difference Between
Any Two Parts
PDD
(tPHL − tPLH)
9, 10, 11
-0.35
0.35
µs
33, 34
7
Rise Time
tr
0.1
µs
23
Fall Time
tf
0.1
µs
UVLO Turn On Delay
tUVLO ON
VO > 5 V, IF = 10 mA
0.8
µs
22
UVLO Turn Off Delay
tUVLO OFF
VO < 5 V, IF = 10 mA
0.6
Output High Level
Common Mode
Transient Immunity
|CMH|IF = 10 mA,
VCC = 30 V
VCM = 1000V
TA = 25°C
910
kV/
µs
24
8, 9, 14
Output Low Level
Common Mode
Transient Immunity
|CML|VCM = 1000V
VF = 0 V,
VCC = 30 V
TA = 25°C
910
kV/
µs
8, 10,
14
*All typical values at TA = 25°C and VCC − VEE = 30 V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com