Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5151 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-5151
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5151 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-5151 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings
Notes:
1. No derating required with the typical case-to-ambient thermal resistance. (
θ
CA=140°C/W) Refer to Figure 35.
2. Maximum pulse width = 10
µs, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs with I
O peak minimum
= 0.5 A. See Applications section for additional details on limiting IOH peak.
3. Derate linearly above 102
°C free air temperature at a rate of 6mW/°C with the typical case-to-ambient thermal resistance (θ
CA=140°C/W).
Refer to Figure 36.
4. Derate linearly above 102
°C free air temperature at a rate of 6mW/°C with the typical case-to-ambient thermal resistance (θ
CA=140°C/W).
Refer to Figure 35 and 36.
ESD Classification
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-65
+150
°C
Operating Temperature
TA
-55
+125
°C
Case Temperature
TC
+145
°C
Junction Temperature
TJ
+150
°C
Lead Solder Temperature
260 for 10s
°C
Average Input Current
IF AVG
25
mA
1
Peak Transient Input Current
(<1
µs pulse width, 300 pps)
IF PK
1.0
A
Reverse Input Voltage
VR
5V
“High” Peak Output Current
IOH (PEAK)
0.6
A
2
“Low” Peak Output Current
IOL (PEAK)
0.6
A
2
Supply Voltage
(VCC-VEE)0
35
V
Output Voltage
VO (PEAK)
0VCC
V
Input Power Dissipation
PE
45
mW
1
Output Power Dissipation
PO
250
mW
3
Total Power Dissipation
PT
295
mW
4
MIL-STD-883, Method 3015
(▲), Class 1
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
(VCC – VEE)
1530Volts
Input Current (ON)
IF (ON)
10
18
mA
Input Voltage (OFF)
VF (OFF)
-3.0
0.8
Volts
Operating Temperature
TA
-55
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com