Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5151 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-5151
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5151 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5151 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Figure 10. Propagation Delay vs. VCC
Figure 11. Propagation Delay vs. IF
Figure 12. Propagation Delay vs. Temperature
Figure 13. Propagation Delay vs. Rg
Figure 14. Propagation Delay vs. Cg
Figure 15. Transfer Characteristics
Figure 16. Input Current vs. Forward Voltage
100
200
300
400
500
15
30
VCC - SUPPLY VOLTAGE - V
TPLH
TPHL
IF = 10mA, TA = 25˚C
Rg = 47Ω, Cg = 3nF,
Duty Cycle = 50%
f = 10kHz
20
25
100
150
200
250
300
350
400
450
500
5
10152025
IF - FORWARD LED CURRENT - mA
TPHL
TPLH
VCC = 30V, VEE = 0V
TA = 25˚C
Rg = 47 Ω, Cg = 3nF
Duty Cycle = 50%
f =10kHz
100
150
200
250
300
350
400
-100
-50
0
50
100
150
TA - TEMPERATURE -
oC
IF(ON) = 10mA
IF(OFF) = 0mA
VCC = 30V, VEE = 0V
Rg = 47 Ω, Cg = 3nF
Duty Cycle = 50%
f =10kHz
TPLH
TPHL
100
200
300
400
500
Rg - SERIES LOAD RESISTANCE - Ω
50
100
150
200
0
TPLH
TPHL
100
200
300
400
500
0
20
40
60
80
100
Cg - LOAD CAPACITANCE - nF
TPLH
TPHL
0
0
IF - FORWARD LED CURRENT - mA
5
25
15
1
30
2
5
20
10
4
3
1.10
1.20
1.30
1.40
1.50
1.60
VF - FORWARD VOLTAGE - VOLTS
TA = 25
oC
1000
100
10
1
0.1
0.01
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com