Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5151 Datasheet(PDF) 16 Page - Agilent(Hewlett-Packard)

Part # HCPL-5151
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5151 Datasheet(HTML) 16 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5151 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
www.agilent.com/
semiconductors
For product information and a complete list
of distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312
or (916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6756 2394
India, Australia, New Zealand: (+65) 6755 1939
Japan: (+81 3) 3335-8152 (Domestic/Inter-
national) or 0120-61-1280 (Domestic Only)
Korea: (+65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand,
Philippines, Indonesia: (+65) 6755 2044
Taiwan: (+65) 6755 1843
Data subject to change.
Copyright
2004 Agilent Technologies, Inc.
June 23, 2004
5989-0943EN
Under Voltage Lockout Feature.
The HCPL-5150 contains an under
voltage lockout (UVLO) feature that
is designed to protect the IGBT under
fault conditions which cause the
HCPL-5150 supply voltage
(equivalent to the fully-charged IGBT
gate voltage) to drop below a level
necessary to keep the IGBT in a low
resistance state. When the HCPL-
5150 output is in the high state and the
supply voltage drops below the
HCPL-5150 VUVLO– threshold
(9.5 < VUVLO– < 12.0) the
optocoupler output will go into the
low state with a typical delay, UVLO
Turn Off Delay, of 0.6
µs.
When the HCPL-5150 output is in the
low state and the supply voltage rises
above the HCPL-5150 VUVLO+
threshold (11.0 < VUVLO+ < 13.5) the
optocoupler output will go into the
high state (assuming LED is “ON”)
with a typical delay, UVLO Turn On
Delay of 0.8
µs.
Figure 37. Under Voltage Lock Out
MIL-PRF-38534 Class H and DSCC
SMD Test Program
Agilent Technologies’ Hi- Rel
Optocouplers are in compliance
with MIL- PRF- 38534 Class H.
Class H devices are also in
compliance with DSCC drawing
5962- 04205.
Testing consists of 100%
screening and quality
conformance inspection to MIL-
PRF- 38534.
0
0
(VCC - VEE) - SUPPLY VOLTAGE - V
10
5
14
10
15
2
20
6
8
4
12
(12.3, 10.8)
(10.7, 9.2)
(10.7, 0.1)
(12.3, 0.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com