Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5151 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-5151
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5151 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-5151 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Truth Table
A 0.1
µF bypass capacitor must be connected between pins 5 and 8.
Device Marking
Outline Drawing
LED
VCC − VEE
“POSITIVE GOING”
(i.e., TURN-ON)
VCC − VEE
“NEGATIVE GOING”
(i.e., TURN-OFF)
VO
OFF
0
− 30 V
0
− 30 V
LOW
ON
0
− 11 V
0
− 9.5 V
LOW
ON
11
− 13.5 V
9.5
− 12 V
TRANSITION
ON
13.5
− 30 V
12
− 30 V
HIGH
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
A
HCPL-515x
5962-04205
01Hxx
50434
COUNTRY OF MFR.
Agilent CAGE CODE*
Agilent DESIGNATOR
DSCC SMD*
PIN ONE/
ESD IDENT
Agilent P/N
DSCC SMD*
* QUALIFIED PARTS ONLY
SGP
QYYWWZ
3.81 (0.150)
MIN.
4.32 (0.170)
MAX.
9.40 (0.370)
9.91 (0.390)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.76 (0.030)
1.27 (0.050)
8.13 (0.320)
MAX.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008)
0.33 (0.013)
7.16 (0.282)
7.57 (0.298)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
Selection Guide
− Package Styles and
Lead Configuration Options
Agilent Part Number and Options
Commercial
HCPL-5150
MIL-PRF-38534, Class H HCPL-5151
Standard Lead Finish
Gold Plate
Solder Dipped
Option
−200
Butt Cut/Gold Plate
Option
−100
Gull Wing/Soldered
Option
−300
SMD Part Number
Prescript for all below
5962-
Either Gold or Solder
0420501HPX
Gold Plate
0420501HPC
Solder Dipped
0420501HPA
Butt Cut/Gold Plate
0420501HYC
Butt Cut/Soldered
0420501HYA
Gull Wing/Soldered
0420501HXA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com