Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5151 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL-5151
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5151 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5151 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Figure 27. Energy Dissipated in the HCPL-5150
for Each IGBT Switching Cycle
LED Drive Circuit Considerations for
Ultra High CMR Performance.
Without a detector shield, the
dominant cause of optocoupler
CMR failure is capacitive
coupling from the input side of
the optocoupler, through the
package, to the detector IC as
shown in Figure 28.
The HCPL- 5150 improves CMR
performance by using a detector
IC with an optically transparent
Faraday shield, which diverts
the capacitively coupled current
away from the sensitive IC
circuitry. However, this shield
does not eliminate the
capacitive coupling between the
LED and optocoupler pins 5- 8
as shown in Figure 29. This
capacitive coupling causes
perturbations in the LED
current during common mode
transients and becomes the
major source of CMR failures
for a shielded optocoupler. The
main design objective of a high
CMR LED drive circuit becomes
keeping the LED in the proper
state (on or off) during common
mode transients. For example,
the recommended application
circuit, (Figure 25) can achieve
10 kV/
µs CMR while minimizing
component complexity.
Techniques to keep the LED in
the proper state are discussed
in the next two sections.
Figure 28. Optocoupler Input to Output Capaci-
tance Model for Unshielded Optocouplers
Figure 29. Optocoupler Input to Output Capaci-
tance Model for Shielded Optocouplers
Figure 26. Typical Application Circuit with Negative IGBT Gate Drive
+ HVDC
3-PHASE
AC
- HVDC
0.1 µF
V CC = 15 V
1
3
+
2
4
8
6
7
5
Rg
Q1
Q2
V EE = -5 V
+
270
Ω
+5 V
CONTROL
INPUT
74XXX
OPEN
COLLECTOR
_
_
PE Parameter Description
IF
LED Current
VF
LED On Voltage
Duty Cycle
Maximum LED
Duty Cycle
PO Parameter Description
ICC
Supply Current
VCC
Positive Supply
Voltage
VEE
Negative Supply
Voltage
ESW (Rg, Qg)
Energy Dissipation in
the HCPL-5150 for
each IGBT Switching
Cycle (See Figure 27)
f
Switching Frequency
0
0
Rg - GATE RESISTANCE -
Ω
100
3
20
7
40
2
60
80
6
Qg = 100 nC
Qg = 250 nC
Qg = 500 nC
5
4
1
VCC = 19 V
VEE = -9 V
1
3
2
4
8
6
7
5
CLEDP
CLEDN
1
3
2
4
8
6
7
5
CLEDP
CLEDN
SHIELD
CLEDO1
CLEDO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com