Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5151 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL-5151
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5151 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5151 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Applications Information
Eliminating Negative IGBT Gate Drive
To keep the IGBT firmly off, the
HCPL- 5150 has a very low
maximum VOL specification of
1.0 V. The HCPL- 5150 realizes
this very low VOL by using a
DMOS transistor with 4
Ω
(typical) on resistance in its
pull down circuit. When the
HCPL- 5150 is in the low state,
the IGBT gate is shorted to the
emitter by Rg + 4 Ω.. Minimizing
Rg and the lead inductance from
the HCPL- 5150 to the IGBT
gate and emitter (possibly by
mounting the HCPL- 5150 on a
small PC board directly above
the IGBT) can eliminate the
need for negative IGBT gate
drive in many applications as
shown in Figure 25. Care should
be taken with such a PC board
design to avoid routing the
IGBT collector or emitter traces
close to the HCPL- 5150 input
as this can result in unwanted
coupling of transient signals
into the HCPL- 5150 and
degrade performance. (If the
IGBT drain must be routed near
the HCPL- 5150 input, then the
LED should be reverse- biased
when in the off state, to prevent
the transient signals coupled
from the IGBT drain from
turning on the HCPL- 5150.)
Selecting the Gate Resistor (Rg) to
Minimize IGBT Switching Losses.
Step 1: Calculate Rg Minimum from
the IOL Peak Specification.
The IGBT and Rg in Figure 26
can be analyzed as a simple RC
circuit with a voltage supplied
by the HCPL- 5150.
(VCC - VEE - VOL)
Rg = –––––––––––––––––
IOLPEAK
(VCC – VEE – 1.7 V)
=
–––––––––––––––––––
IOLPEAK
(15 V + 5 V – 1.7 V)
=
–––––––––––––––––––––
0.6 A
= 30.5
Ω
The VOL value of 2 V in the
previous equation is a
conservative value of VOL at the
peak current of 0.6 A (see
Figure 6). At lower Rg values
the voltage supplied by the
HCPL- 5150 is not an ideal
voltage step. This results in
lower peak currents (more
margin) than predicted by this
analysis. When negative gate
drive is not used, VEE in the
previous equation is equal to
zero volts.
Step 2: Check the HCPL-5150 Power
Dissipation and Increase Rg if
Necessary.
The HCPL- 5150 total power
dissipation (PT) is equal to the
sum of the emitter power (PE)
and the output power (PO):
PT = PE + PO
PE = IF • VF • Duty Cycle
PO = PO(BIAS) + PO (SWITCHING)
= ICC • (VCC - VEE) + ESW(Rg,
Qg) • f
For the circuit in Figure 26
with IF (worst case) = 18 mA,
Rg = 30.5 Ω, Max Duty Cycle =
80%, Qg = 250 nC, f = 20 kHz
and TA max = 125°C:
PE = 18 mA•1.8 V • 0.8 = 26 mW
PO = 4.25 mA•20 V + 2.0 µJ•20
kHz
= 85 mW + 40 mW
= 125 mW
> 112 mW (PO(MAX)@125°C =
250mW- 23
°C • 6mW/°C)
The value of 4.25 mA for ICC in
the previous equation was
obtained by derating the ICC
max of 5 mA (which occurs at -
55
°C) to I
CC max at 125°C.
Since PO for this case is greater
than PO(MAX), Rg must be
increased to reduce the HCPL-
5120 power dissipation.
PO(SWITCHING MAX)
= PO(MAX) - PO(BIAS)
= 112mW – 85 mW
= 27 mW
PO(SWITCHINGMAX)
ESW(MAX) = ––––––––––––––––
f
27 mW
=
––––––––– =
1.35
µJ
20kHz
For Qg = 250 nC, from Figure
27, a value of ESW = 1.35 µJ
gives a Rg = 90Ω.
Figure 25. Recommended LED Drive and Application Circuit
+ HVDC
3-PHASE
AC
- HVDC
0.1 µF
V CC = 18 V
1
3
+
2
4
8
6
7
5
270
Ω
CONTROL
INPUT
Rg
Q1
Q2
74XXX
OPEN
COLLECTOR
_
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com