Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5151 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-5151
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5151 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-5151 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5151 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Description
The HCPL- 5150 contains a
GaAsP LED optically coupled to
an integrated circuit with a
power output stage. The device
is ideally suited for driving
power IGBTs and MOSFETs
used in motor control inverter
applications.
The high
operating voltage range of the
output stage provides the drive
voltages required by gate
controlled devices.
The voltage
and current supplied by this
optocoupler makes it ideally
suited for directly driving IGBTs
with ratings up to 1200 V/50 A.
For IGBTs with higher ratings,
the HCPL- 5150 can be used to
drive a discrete power stage,
which drives the IGBT gate.
The products are capable of
operation and storage over the
full military temperature range
and can be purchased as either
commercial product, with full
MIL- PRF- 38534 Class H testing,
or from Defense Supply Center
Columbus (DSCC) Standard
Microcircuit Drawing (SMD)
5962- 04205.
All devices are
manufactured and tested on a
Agilent HCPL-5150 & HCPL-5151
DSCC SMD 5962-04205
0.5 Amp Output Current IGBT
Gate Drive Optocoupler
Data Sheet
MIL- PRF- 38534 certified line
and are included in the DSCC
Qualified Manufacturers List,
QML- 38534 for Hybrid
Microcircuits.
Schematic Diagram
Applications
• Industrial and Military
Environments
• High Reliability Systems
• Harsh Industrial Environments
• Transportation, Medical, and Life
Critical Systems
• Isolated IGBT/MOSFET Gate Drive
• AC and Brushless DC Motor Drives
• Industrial Inverters
• Switch Mode Power Supplies
(SMPS)
• Uninterruptible Power Supplies
(UPS)
1
3
SHIELD
2
4
8
6
7
5
N/C
CATHODE
ANODE
N/C
VCC
VO
VO
VEE
Features
•
Performance Guaranteed over Full
Military Temperature Range:
-55°C to +125°C
• Manufactured and Tested on a MIL-
PRF-38534 Certified Line
• Hermetically Sealed Packages
• Dual Marked with Device Part
Number and DSCC Drawing
Number
• QML-38534
• HCPL-3150 Function Compatibility
• 0.5 A Minimum Peak Output Current
•
10 kV/µs Minimum Common Mode
Rejection (CMR) at VCM = 1000 V
• 1.0 V Maximum Low Level Output
Voltage (VOL) Eliminates Need for
Negative Gate Drive
•ICC = 5 mA Maximum Supply
Current
• Under Voltage Lock-Out Protection
(UVLO) with Hysteresis
• Wide Operating VCC Range: 15 to 30
Volts
• 500 ns Maximum Propagation Delay
•
+/- 0.35 µs Maximum Delay
Between Devices
CAUTION: It is advised that normal static precautions be taken in handling and assembly of
this component to prevent damage and/or degradation which may be induced by ESD.


Similar Part No. - HCPL-5151

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-5151 BOARDCOM-HCPL-5151 Datasheet
1Mb / 18P
0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
More results

Similar Description - HCPL-5151

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
0.6 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com