Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR-90-R-R75-HN100 Datasheet (PDF) - Luminus, Inc

SBR-90-R-R75-HN100 Datasheet PDF - Luminus, Inc
Part # SBR-90-R-R75-HN100
Download  SBR-90-R-R75-HN100 Download
File Size   1834.15 Kbytes
Page   15 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description Extremely high optical output from a 9 mm2 square emitter:

SBR-90-R-R75-HN100 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR-90-R-R75-HN100 Datasheet PDF - Luminus, Inc

Part # SBR-90-R-R75-HN100
Download  SBR-90-R-R75-HN100 Click to download

File Size   1834.15 Kbytes
Page   15 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description Extremely high optical output from a 9 mm2 square emitter:

SBR-90-R-R75-HN100 Datasheet (HTML) - Luminus, Inc




Similar Part No. - SBR-90-R-R75-HN100

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SBR-90-R-R75-HN100 LUMINUS-SBR-90-R-R75-HN100 Datasheet
1Mb / 14P
LEDs
2022
More results


Similar Description - SBR-90-R-R75-HN100

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
DN050S KODENSHI-DN050S Datasheet
272Kb / 4P
Extremely low collector-to-emitter saturation voltage
DP100S KODENSHI-DP100S Datasheet
256Kb / 4P
Extremely low collector-to-emitter saturation voltage
DN030S KODENSHI-DN030S Datasheet
267Kb / 4P
Extremely low collector-to-emitter
DN030U KODENSHI-DN030U Datasheet
296Kb / 4P
Extremely low collector-to-emitter
DN100S KODENSHI-DN100S Datasheet
252Kb / 4P
Extremely low collector-to-emitter
DP030 KODENSHI-DP030 Datasheet
66Kb / 3P
Extremely low collector-to-emitter saturation voltage
DP100S KODENSHI-DP100S Datasheet
256Kb / 4P
Extremely low collector-to-emitter saturation voltage
logo
Luminus, Inc
SBT-70 LUMINUS-SBT-70 Datasheet
1Mb / 13P
Extremely high optical output from a 7 mm2 circular emitter
SST-90-R LUMINUS-SST-90-R Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SST-90-W LUMINUS-SST-90-W Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com