Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR-90-R-R75-HN100 Datasheet(PDF) 10 Page - Luminus, Inc

Part # SBR-90-R-R75-HN100
Description  Extremely high optical output from a 9 mm2 square emitter:
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBR-90-R-R75-HN100 Datasheet(HTML) 10 Page - Luminus, Inc

Back Button SBR-90-R-R75-HN100 Datasheet HTML 6Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 7Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 8Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 9Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 10Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 11Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 12Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 13Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 14Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
PDS-001540 Rev 15
© 2016 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
Typical Radiation Patterns
Thermal Resistance
TypicalThermal Resistance :
R
j-c
1
0.5 ºC/W
R
j-b
1
1.2 ºC/W
R
j-hs
2
1.4 ºC/W
Note 1: Thermal resistance values are based on
FEA model results correlated to
measured Rθj-hs data.
Note 2: Thermal resistance is measured using a
SAC305 solder, a Bergquist Al-clad
MCPCB, and eGraf 1205 thermal
interface material.
Typical Polar Radiation Pattern for White
Typical Angular Radiation Pattern for White
Window
Ceramic Substrate
Tj
Window Frame
Die Junction
Heat sink
Ths
Tb
Al coreboard
Tc
Window
Ceramic Substrate
Tj
Window Frame
Die Junction
Heat sink
Ths
Tb
Al coreboard
Window
Ceramic Substrate
Tj
Window Frame
Die Junction
Heat sink
Ths
Tb
Al coreboard
Window
Ceramic Substrate
Tj
Window Frame
Die Junction
Heat sink
Ths
Tb
Al coreboard
Tc
-30°
-60°
120°
150°
210°
240°
60°
30°
-120%
-100%
-80%
-60%
-40%
-20%
0%
20%
40%
60%
80%
100%
120%
0%
20%
40%
60%
80%
100%
120%
-80
-60
-40
-20
0
20
40
60
80
Anglular Displacement (Degrees)
SBT-90 Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com