Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR-90-R-R75-HN100 Datasheet(PDF) 2 Page - Luminus, Inc

Part # SBR-90-R-R75-HN100
Description  Extremely high optical output from a 9 mm2 square emitter:
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBR-90-R-R75-HN100 Datasheet(HTML) 2 Page - Luminus, Inc

  SBR-90-R-R75-HN100 Datasheet HTML 1Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 2Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 3Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 4Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 5Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 6Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 7Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 8Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TestingTemperature
Luminus surface mount LEDs are typically tested with a 20 msec
input pulse and a junction temperature of 25ºC. Expected flux
values in real world operation can be extrapolated based on the
information contained within this product data sheet.
Multiple Operating Points
The tables on the following pages provide typical optical and
electrical characteristics. Since the LEDs can be operated over a
wide range of drive conditions (currents from less than 1A to
13.5A, and duty cycle from <1% to 100%), multiple drive
conditions
are listed.
SBT-90 White LEDs are production tested at 9.0 A. The values
shown at other current conditions are for additional reference at
other possible drive conditions.
SBT-90 Red LEDs are productions tested of 13.5A
Understanding Luminus LED Test Specifications
Every Luminus LED is fully tested to ensure that it meets the high quality standards expected from Luminus’products.
2
PDS-001540 Rev 15
© 2016 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
LuminusTechnology
Luminus’ technology enables large area LED chips with uniform
brightness over the entire LED chip surface. The optical power
and brightness produced by these large monolithic chips
enable solutions which replace arc and halogen lamps where
arrays of traditional high power LEDs cannot.
PackagingTechnology
Thermal management is critical in high power LED applications.
With a thermal resistance from junction to heat sink of 0.5º C/W,
Luminus SBT-90 LEDs have the lowest thermal resistance of any
LED on the market. This allows the LED to be driven at higher
current densities while maintaining a low junction temperature,
thereby resulting in brighter solutions and longer lifetimes.
Reliability
Designed from the ground up, Luminus LEDs are one of the
most reliable light sources in the world today. They have passed
a rigorous suite of environmental and mechanical stress tests,
including mechanical shock, vibration, temperature cycling and
humidity, and have been fully qualified for use in extreme high
power and high current applications. With very low failure rates
and median lifetimes that typically exceed 60,000 hours,
Luminus LEDs are ready for even the most demanding
applications.
Environmental Benefits
Luminus LEDs Whitehelp reduce power consumption and the
amount of hazardous waste entering the environment. All
Luminus LED products manufactured by Luminus are RoHS
compliant and free of hazardous materials, including lead and
mercury.
Technology Overview
Luminus LED benefit from a suite of innovations in the fields of chip technology, packaging and thermal management. These
breakthroughs allow illumination engineers and designers to achieve solutions that are high brightness and high efficiency.
SBT-90 Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com