Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR-90-R-R75-HN100 Datasheet(PDF) 9 Page - Luminus, Inc

Part # SBR-90-R-R75-HN100
Description  Extremely high optical output from a 9 mm2 square emitter:
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBR-90-R-R75-HN100 Datasheet(HTML) 9 Page - Luminus, Inc

Back Button SBR-90-R-R75-HN100 Datasheet HTML 5Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 6Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 7Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 8Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 9Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 10Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 11Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 12Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 13Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Note 1: Yellow squares indicate typical operating conditions.
Note 2: Median expected lifetime in dependence of junction temperature at 0.35 A/mm2 in continuous operation. Lifetime defined as time to 70% of
initial intensity. Based on lifetime test data of uncoated GaN devices at this time. Data can be used to model failure rate over typical product
lifetime (contact Luminus for lifetime reliability test data for 1A/mm2 condition).
Note 3: Lumen maintenance in dependence of time at 0.35 A/mm2 in continuous operation with junction temperatures of 100 ºC. Lumen
maintenance calculation doesn’t consider open and short circuit failure modes into account.
Note 4: Typical spectrum at current density of 0.35 A/mm2 in continuous operation.
Relative Output Flux vs. Forward Current1
Forward Current vs. Forward Voltage
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
Median Lifetime2
Lumen Maintenance vs.Time3
Typical Spectrum4
Current Derating Curve
0
20
40
60
80
100
120
140
160
0
0
0
,
0
0
1
0
0
0
,
0
1
0
0
0
,
1
Median Lifetime Extrapolation (Hours)
9
PDS-001540 Rev 15
© 2016 Luminus Devices, Inc. - All Rights Reserved
0%
20%
40%
60%
80%
100%
120%
0
3
6
9
Current (A)
0
3
4.5
6
7.5
9
0
0.5
1
1.5
2
2.5
3
3.5
4
Forward Voltage (V)
1.5
0
3
4.5
6
7.5
9
1.5
0
0.2
0.4
0.6
0.8
1
1.2
1001,000
10,000
100,000
Time (hours)
Measured
Extrapolated
L70
0
0.2
0.4
0.6
0.8
1
1.2
400450
500550
600650
700
Wavelength (nm)
0
1
2
3
4
5
6
7
8
9
10
020406080100
120140
Ambient Temperature (C)
Rth j-a = 1.82 C/W
Rth j-a = 2.00 C/W
Rth j-a = 3.00 C/W
Rth j-a = 4.00 C/W
SBT-90-W Characteristics
SBT-90 Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com