Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR-90-R-R75-HN100 Datasheet(PDF) 3 Page - Luminus, Inc

Part # SBR-90-R-R75-HN100
Description  Extremely high optical output from a 9 mm2 square emitter:
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBR-90-R-R75-HN100 Datasheet(HTML) 3 Page - Luminus, Inc

  SBR-90-R-R75-HN100 Datasheet HTML 1Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 2Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 3Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 4Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 5Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 6Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 7Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 8Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
PDS-001540 Rev 15
© 2016 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
Flux Bins
SBT-90 Binning Structure
SBT-90 LEDs are tested for luminous flux and chromaticity of the drive current specified below and placed into one of the following
luminous flux (FF) and chromaticity (WW) bins:
Color
Flux Bin (FF)
Minumum Flux (lm) @
9.0A
Maximum Flux (lm) @
9.0A
W57S/ W65S
5700K / 6500K, Standard CRI (typ. 70)
NA
1,590
1,710
NB
1,710
1,830
PA
1830
1966
PB
1966
2100
QA
2100
2260
QB
2260
2420
Chromaticity Bins
Luminus’Standard Chromaticity Bins: 1931 CIE Curve
Red
Flux Bin (FF)
Minumum Flux (lm) @
13.5A
Minumum Flux (lm) @
13.5A
BM
770
970
BN
970
1150
BP
1150
1350
BQ
1350
1570
BR
1570
1850
Color
Wavelength Bin (WW)
Minimum Wavelength
@ 13.5A
Maximum Wavelength
@ 13.5A
Red
R3
615
619
R4
619
623
R5
623
627
Wavelength Bins
0.380
0.355
0.330
0.305
0.280
0.270
0.295
0.320
0.345
0.370
CIEx
BB Locus
6500
5700
DE
EF
EH
H4
J4
H3
J3
DJ
F4
G4
G3
F3
DF
DG
*Note:
Luminus maintains a +/- 6% tolerance on flux measurements.
Luminus maintains a +/- 2% tolerance on CRI measurements.
SBT-90 Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com