Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR-90-R-R75-HN100 Datasheet(PDF) 13 Page - Luminus, Inc

Part # SBR-90-R-R75-HN100
Description  Extremely high optical output from a 9 mm2 square emitter:
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBR-90-R-R75-HN100 Datasheet(HTML) 13 Page - Luminus, Inc

Back Button SBR-90-R-R75-HN100 Datasheet HTML 7Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 8Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 9Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 10Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 11Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 12Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 13Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 14Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 15Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
PDS-001540 Rev 15
© 2016 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
Mechanical Dimensions – SBT-90 Star Board
Note 1: Tolerances per IPC-610, Class 2
Note 2: For detail drawing of SBT-90, please see DWG-001553
Note 3: Recommended mounting screw: M3 or #4
Note 4: All dimensions in millimeters
Note 5: All anode pads on board are interconnected. All cathode pads on board are interconnected
7.1
60.0°
4.1
16.4
SOLDER PADS
19.9
TYP
3.2
6x
30.0°
60.0°
19
CATHODE
PADS
ANODE
PADS
3.5
SBT-90 Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com