Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR-90-R-R75-HN100 Datasheet(PDF) 5 Page - Luminus, Inc

Part # SBR-90-R-R75-HN100
Description  Extremely high optical output from a 9 mm2 square emitter:
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBR-90-R-R75-HN100 Datasheet(HTML) 5 Page - Luminus, Inc

  SBR-90-R-R75-HN100 Datasheet HTML 1Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 2Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 3Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 4Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 5Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 6Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 7Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 8Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
PDS-001540 Rev 15
© 2016 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
Note 1: WNNX nomenclature corresponds to the following:
W = White
NN = color temperature, where:
65 corresponds to 6500K
57 corresponds to 5700K
X = color rendering index, where:
S (standard) corresponds to a typical CRI of 70
Example:
The part label SBT-90-W65S-F71-NA-G4 refers to a 6500K standard CRI white, SBT-90 emitter, with a flux range from 1,590 to 1,710 lumens and a
chromaticity value within the box defined by the four points (0.313, 0.329), (0.321, 0.337), (0.321, 0.348),(0.312, 0.339).
Product Family
Chip Area
Color
Package Configuration
Flux Bin
Chromaticity Bin
Surface Mount
(window)
9.0 mm2
CCT & CRI
See Note 1 below
Internal Code
See page 3 for bins
See page 3 for bins
SBT
90
WNNX
F71
FF
WW
Product Shipping & Labeling Information
All SBT-90 products are packaged and labeled with their respective bin as outlined in the tables on pages 3 & 4. When shipped, each
package will only contain one bin. The part number designation is as follows:
SBT-90 White
SBT-90- Red
SBT
90
R
F75
FF
WW
Product Family
Chip Area
Color
Package Configuration
Flux Bin
Wavlength Bin
Surface Mount
(window)
9.0 mm2
R: Red
Internal Code
See bins page
See bins page
Example:
The part number SBT-90-R-F75-BK-R4 refers to a red part, with a flux range of 600 - 770 lumens and a wavelength range of 619 nm to 623 nm.
Note 2: Some flux and chromaticity bins may have limited availability. Application specific bin kits, consisting of multiple bins, may be available.
SBT-90 Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com