Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR-90-R-R75-HN100 Datasheet(PDF) 14 Page - Luminus, Inc

Part # SBR-90-R-R75-HN100
Description  Extremely high optical output from a 9 mm2 square emitter:
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBR-90-R-R75-HN100 Datasheet(HTML) 14 Page - Luminus, Inc

Back Button SBR-90-R-R75-HN100 Datasheet HTML 7Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 8Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 9Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 10Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 11Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 12Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 13Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 14Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 15Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
0
0
Time (sec)
30
60
90
120
150
180
210
240
270
300
25
50
75
100
125
150
175
200
225
250
Note 1: Temperatures are taken and monitored at the component copper layer
Note 2: Optimum profile may differ due to oven type, circuit board or assembly layout
Note 3: Recommended lead free, no-clean solder: AIM NC254-SAC305
Note 4: Refer to APN-001473 soldering and handling application note for additional solder profiles and details
Note 5: MSL- 1 Level
Solder Profile
14
PDS-001540 Rev 15
© 2016 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
Lead free solder guideline for low density boards
Solder Profile Stage
Lead-Free Solder
Profile length, Ambient to Peak
2.75 - 3.5 minutes
Time above 217º C
30 - 60 seconds
Cooldown Rate
≤4º C/sec
Cooldown duration
45 ± 15 sec
SAC 305 Reflow Profile Window For Low Density Boards
SBT-90 Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com