Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR-90-R-R75-HN100 Datasheet(PDF) 1 Page - Luminus, Inc

Part # SBR-90-R-R75-HN100
Description  Extremely high optical output from a 9 mm2 square emitter:
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBR-90-R-R75-HN100 Datasheet(HTML) 1 Page - Luminus, Inc

  SBR-90-R-R75-HN100 Datasheet HTML 1Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 2Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 3Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 4Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 5Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 6Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 7Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 8Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Applications
• Fiber-coupled illumination
• Architectural and Entertainment
lighting
• Projection and micro-display based
applications
• High-Brightness and large format
LCD back-light units
• Edge-illuminated lighting guides
• High output, Etendue-limited
lighting applications
Features:
• Extremely high optical output from a 9 mm2 square emitter:
• Up to 2300 lumens at 13.5A from a single chip (White)
• Over 1,600 lumens at 13.5A (Red)
• Choice of 5700K or 6500K color point
• High thermal conductivity package - junction to case thermal resistance of only
0.5 °C/W
• Large, monolithic chip with uniform emitting area of 9 mm2
• Unencapsulated die with low profile protective window optimizes optical coupling in
etendue-limited applications
• Electrically isolated thermal path
• Environmentally friendly: RoHS compliant
Table of Contents
Technology Overview ......2
Binning Structure ..........3
Chromaticity Bins ..........4
Product Shipping &
Labeling Information.......5
Ordering Information ......6
Electrical Characteristics ...7
Optical Characteristics .....8
White Characteristics.......9
Radiation Patterns ....... 10
Output vs Temp ,Lifetime and
Spectrum................ 11
Mechanical Dimensions .. 12
Solder Profile ............ 14
History of Changes . . . . . . . 15
1
PDS-001540 Rev 15
© 2016 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SBT-90 LEDs
SBT-90 Product Datasheet


Similar Part No. - SBR-90-R-R75-HN100

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SBR-90-R-R75-HN100 LUMINUS-SBR-90-R-R75-HN100 Datasheet
1Mb / 14P
LEDs
2022
More results

Similar Description - SBR-90-R-R75-HN100

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
DN050S KODENSHI-DN050S Datasheet
272Kb / 4P
Extremely low collector-to-emitter saturation voltage
DP100S KODENSHI-DP100S Datasheet
256Kb / 4P
Extremely low collector-to-emitter saturation voltage
DN030S KODENSHI-DN030S Datasheet
267Kb / 4P
Extremely low collector-to-emitter
DN030U KODENSHI-DN030U Datasheet
296Kb / 4P
Extremely low collector-to-emitter
DN100S KODENSHI-DN100S Datasheet
252Kb / 4P
Extremely low collector-to-emitter
DP030 KODENSHI-DP030 Datasheet
66Kb / 3P
Extremely low collector-to-emitter saturation voltage
DP100S KODENSHI-DP100S Datasheet
256Kb / 4P
Extremely low collector-to-emitter saturation voltage
logo
Luminus, Inc
SBT-70 LUMINUS-SBT-70 Datasheet
1Mb / 13P
Extremely high optical output from a 7 mm2 circular emitter
SST-90-R LUMINUS-SST-90-R Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SST-90-W LUMINUS-SST-90-W Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com