Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGO30H60DLLFBAG Datasheet (PDF) - STMicroelectronics

STGO30H60DLLFBAG Datasheet PDF - STMicroelectronics
Part # STGO30H60DLLFBAG
Download  STGO30H60DLLFBAG Download
File Size   1487.47 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade trench gate field-stop, 600 V, 30 A, high-speed HB series IGBT in a TO‑LL package

STGO30H60DLLFBAG Datasheet (PDF)

Go To PDF Page Download Datasheet
STGO30H60DLLFBAG Datasheet PDF - STMicroelectronics

Part # STGO30H60DLLFBAG
Download  STGO30H60DLLFBAG Click to download

File Size   1487.47 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade trench gate field-stop, 600 V, 30 A, high-speed HB series IGBT in a TO‑LL package

STGO30H60DLLFBAG Datasheet (HTML) - STMicroelectronics


STGO30H60DLLFBAG Product details

Features
• AEC-Q101 qualified
• Maximum junction temperature: TJ = 175 °C
• Logic level gate drive
• High-speed switching series
• Minimized tail current
• VCE(sat) = 1.6 V (typ.) @ IC = 30 A
• Low VF soft-recovery co-packaged diode
• Tight parameter distribution
• Safer paralleling
• Low thermal resistance

Description
This device is an IGBT developed using an advanced proprietary trench gate fieldstop
structure. The device is part of the new HB series of IGBTs, which represents
an optimum compromise between conduction and switching loss to maximize the
efficiency of any frequency converter. Furthermore, the slightly positive VCE(sat)
temperature coefficient and very tight parameter distribution result in safer paralleling
operation.

Applications
• Automotive injection




Similar Part No. - STGO30H60DLLFBAG

ManufacturerPart #DatasheetDescription
logo
Eravant
STG-06-S1 ERAVANT-STG-06-S1 Datasheet
372Kb / 4P
D-Band Noise Figure and Gain Test Extenders
Rev 1.7
STG-08-S1 ERAVANT-STG-08-S1 Datasheet
376Kb / 4P
F-Band Noise Figure and Gain Test Extenders
Rev 1.7
logo
WiTTRA Networks AB
STG-10 WITTRA-STG-10 Datasheet
504Kb / 4P
WITTRA™ IOT OUT OF THE BOX
ISS.1 23/03/2020
logo
Eravant
STG-12-S1 ERAVANT-STG-12-S1 Datasheet
381Kb / 4P
E-Band Noise Figure and Gain Test Extenders
Rev 1.5
STG-15-S1 ERAVANT-STG-15-S1 Datasheet
380Kb / 4P
V-Band Noise Figure and Gain Test Extenders
Rev 1.55
More results


Similar Description - STGO30H60DLLFBAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
28-Jul-2015
STGW30H60DFB STMICROELECTRONICS-STGW30H60DFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
04-Nov-2016
STGW40H60DLFB STMICROELECTRONICS-STGW40H60DLFB Datasheet
1Mb / 17P
Trench gate field-stop IGBT, HB series 600 V, 40 A high speed
18-Mar-2014
STGW60H60DLFB STMICROELECTRONICS-STGW60H60DLFB Datasheet
1Mb / 17P
Trench gate field-stop IGBT, HB series 600 V, 60 A high speed
24-Feb-2014
STGB30H60DLLFBAG STMICROELECTRONICS-STGB30H60DLLFBAG Datasheet
1,009Kb / 17P
Automotive-grade trench gate field-stop IGBT, HB series 600 V, 30 A high speed
18-Oct-2016
STGH30H65DFB-2AG STMICROELECTRONICS-STGH30H65DFB-2AG Datasheet
408Kb / 17P
Automotive-grade trench gate field-stop, 650 V, 30 A, high-speed HB series IGBT in an H2PAK-2 package
13-Apr-2022
STGWA40H60DLFB STMICROELECTRONICS-STGWA40H60DLFB Datasheet
871Kb / 15P
Trench gate field-stop IGBT, HB series 600 V, 40 A high speed in a TO-247 long leads package
03-Mar-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com