Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGO30H60DLLFBAG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGO30H60DLLFBAG
Description  Automotive-grade trench gate field-stop, 600 V, 30 A, high-speed HB series IGBT in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGO30H60DLLFBAG Datasheet(HTML) 1 Page - STMicroelectronics

  STGO30H60DLLFBAG Datasheet HTML 1Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 2Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 3Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 4Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 5Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 6Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 7Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 8Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TO-LL
TAB
TAB
1
8
8
1
type B
C(TAB)
E(2, 3, 4, 5, 6, 7, 8)
G1CTABE2345678
G(1)
Features
•
AEC-Q101 qualified
•
Maximum junction temperature: TJ = 175 °C
•
Logic level gate drive
•
High-speed switching series
•
Minimized tail current
•
VCE(sat) = 1.6 V (typ.) @ IC = 30 A
•
Low VF soft-recovery co-packaged diode
•
Tight parameter distribution
•
Safer paralleling
•
Low thermal resistance
Applications
•
Automotive injection
Description
This device is an IGBT developed using an advanced proprietary trench gate field-
stop structure. The device is part of the new HB series of IGBTs, which represents
an optimum compromise between conduction and switching loss to maximize the
efficiency of any frequency converter. Furthermore, the slightly positive VCE(sat)
temperature coefficient and very tight parameter distribution result in safer paralleling
operation.
Product status link
STGO30H60DLLFBAG
Product summary
Order code
STGO30H60DLLFBAG
Marking
GO30H60DLL
Package
TO-LL type B
Packing
Tape and reel
Automotive-grade trench gate field-stop, 600 V, 30 A, high-speed HB series
IGBT in a TO
‑LL package
STGO30H60DLLFBAG
Datasheet
DS12913 - Rev 4 - January 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGO30H60DLLFBAG

ManufacturerPart #DatasheetDescription
logo
Eravant
STG-06-S1 ERAVANT-STG-06-S1 Datasheet
372Kb / 4P
D-Band Noise Figure and Gain Test Extenders
Rev 1.7
STG-08-S1 ERAVANT-STG-08-S1 Datasheet
376Kb / 4P
F-Band Noise Figure and Gain Test Extenders
Rev 1.7
logo
WiTTRA Networks AB
STG-10 WITTRA-STG-10 Datasheet
504Kb / 4P
WITTRA™ IOT OUT OF THE BOX
ISS.1 23/03/2020
logo
Eravant
STG-12-S1 ERAVANT-STG-12-S1 Datasheet
381Kb / 4P
E-Band Noise Figure and Gain Test Extenders
Rev 1.5
STG-15-S1 ERAVANT-STG-15-S1 Datasheet
380Kb / 4P
V-Band Noise Figure and Gain Test Extenders
Rev 1.55
More results

Similar Description - STGO30H60DLLFBAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
28-Jul-2015
STGW30H60DFB STMICROELECTRONICS-STGW30H60DFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
04-Nov-2016
STGW40H60DLFB STMICROELECTRONICS-STGW40H60DLFB Datasheet
1Mb / 17P
Trench gate field-stop IGBT, HB series 600 V, 40 A high speed
18-Mar-2014
STGW60H60DLFB STMICROELECTRONICS-STGW60H60DLFB Datasheet
1Mb / 17P
Trench gate field-stop IGBT, HB series 600 V, 60 A high speed
24-Feb-2014
STGB30H60DLLFBAG STMICROELECTRONICS-STGB30H60DLLFBAG Datasheet
1,009Kb / 17P
Automotive-grade trench gate field-stop IGBT, HB series 600 V, 30 A high speed
18-Oct-2016
STGH30H65DFB-2AG STMICROELECTRONICS-STGH30H65DFB-2AG Datasheet
408Kb / 17P
Automotive-grade trench gate field-stop, 650 V, 30 A, high-speed HB series IGBT in an H2PAK-2 package
13-Apr-2022
STGWA40H60DLFB STMICROELECTRONICS-STGWA40H60DLFB Datasheet
871Kb / 15P
Trench gate field-stop IGBT, HB series 600 V, 40 A high speed in a TO-247 long leads package
03-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com