Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGO30H60DLLFBAG Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGO30H60DLLFBAG
Description  Automotive-grade trench gate field-stop, 600 V, 30 A, high-speed HB series IGBT in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGO30H60DLLFBAG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGO30H60DLLFBAG Datasheet HTML 2Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 3Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 4Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 5Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 6Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 7Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 8Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 9Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Figure 13. Typical capacitance characteristics
GADG240120221000CVR
10 3
10 2
10 1
C
(pF)
VCE (V)
100
10-1
101
102
Cies
Cres
Coes
f = 1 MHz
Figure 14. Typical gate charge characteristics
GADG240120221001GCGE
10
8
6
4
2
0
0
40
80
120
160
200
VGE
(V)
Qg (nC)
VCC = 400 V, IC = 30 A, IG = 1.35 mA
Figure 15. Typical switching energy vs collector current
GADG240120221001SLC
1.6
1.2
0.8
0.4
0.0
0
10
20
30
40
50
60
Eoff
(mJ)
IC (A)
10
VGE = 5 V, TJ = 175
℃
Figure 16. Typical switching energy vs gate resistance
GADG240120221006SLG
2.5
2.0
1.5
1.0
0.5
0.0
0
10
20
30
40
Eoff
(mJ)
RG (Ω)
VGE = 5 V, TJ = 175
℃
IC = 30 A,
Figure 17. Typical switching energy vs temperature
GADG240120221004SLT
0.66
0.62
0.58
0.54
0.50
-25
25
75
125
175
Eoff
(mJ)
TJ (°C)
10
VGE = 5 V, IC = 30 A
Figure 18. Typical switching energy vs VCE
GADG240120221005SLV
1.2
1.0
0.8
0.6
0.4
0.2
0.0
100
200
300
400
500
Eoff
(mJ)
VCE (V)
10
VGE = 5 V,
IC = 30 A,
TJ = 175
℃
STGO30H60DLLFBAG
Electrical characteristics (curves)
DS12913 - Rev 4
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com