Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGO30H60DLLFBAG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGO30H60DLLFBAG
Description  Automotive-grade trench gate field-stop, 600 V, 30 A, high-speed HB series IGBT in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGO30H60DLLFBAG Datasheet(HTML) 4 Page - STMicroelectronics

  STGO30H60DLLFBAG Datasheet HTML 1Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 2Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 3Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 4Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 5Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 6Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 7Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 8Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Total power dissipation vs temperature
GADG240120220950PDT
250
200
150
100
50
0
25
75
125
175
PTOT
(W)
TC (°C)
VGE ≥ 5 V, TJ ≤ 175 °C
Figure 2. Maximum collector current vs temperature
GADG240120220951CCT
60
50
40
30
20
10
0
25
75
125
175
IC
(A)
TC (°C)
VGE ≥ 5 V, TJ ≤ 175 °C
Figure 3. Typical output characteristics (TJ = 25 °C)
GADG240120220951OC25
100
80
60
40
20
0
0
1
2
3
4
IC
(A)
VCE (V)
VGE = 3 V
VGE = 4V
VGE = 5 V
Figure 4. Typical output characteristics (TJ = 175 °C)
GADG240120220951OC175
100
80
60
40
20
0
0
1
2
3
4
IC
(A)
VCE (V)
VGE = 3 V
VGE = 4V
VGE = 5 V
VGE = 2 V
VGE = 3 V
VGE = 4V
Figure 5. Typical VCE(sat) vs temperature
GADG240120220952VCET
2.2
2.0
1.8
1.6
1.4
1.2
-75
-25
25
75
125
175
VCE(sat)
(V)
TJ (°C)
IC = 60 A
IC = 30 A
IC = 15 A
VGE= 5 V
Figure 6. Typical VCE(sat) vs collector current
GADG240120220954VCEC
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0
20
40
60
80
100 120
VCE(sat)
(V)
TJ(°C)
TJ =175 °C
VGE= 5 V
TJ = 25 °C
TJ = -50 °C
STGO30H60DLLFBAG
Electrical characteristics (curves)
DS12913 - Rev 4
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com