Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGO30H60DLLFBAG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGO30H60DLLFBAG
Description  Automotive-grade trench gate field-stop, 600 V, 30 A, high-speed HB series IGBT in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGO30H60DLLFBAG Datasheet(HTML) 3 Page - STMicroelectronics

  STGO30H60DLLFBAG Datasheet HTML 1Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 2Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 3Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 4Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 5Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 6Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 7Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 8Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 3. Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter breakdown
voltage
VGE = 0 V, IC = 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 5 V, IC = 30 A
1.6
2.0
V
VGE = 5 V, IC = 30 A, TJ = 125 °C
1.7
VGE = 5 V, IC = 30 A, TJ = 175 °C
1.75
VF
Forward on-voltage
IF = 30 A
1.4
1.7
V
IF = 30 A, TJ = 125 °C
1.35
IF = 30 A, TJ = 175 °C
1.25
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
1.8
2.5
V
ICES
Collector cut-off current
VGE = 0 V, VCE = 600 V
25
µA
IGES
Gate-emitter leakage current
VCE = 0 V, VGE = ± 10 V
±250
µA
Table 4. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE= 25 V, f = 1 MHz,
VGE = 0 V
-
5000
-
pF
Coes
Output capacitance
-
120
-
Cres
Reverse transfer capacitance
-
75
-
Qg
Total gate charge
VCC = 520 V, IC = 30 A,
VGE = 5 V
-
110
-
nC
Qge
Gate-emitter charge
-
16
-
Qgc
Gate-collector charge
-
42
-
Table 5. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(off)
Turn-off delay time
VCE = 400 V, IC = 30 A,
VGE = 5 V, RG = 10 Ω
-
402
-
ns
tf
Current fall time
-
15
-
ns
Eoff(1)
Turn-off switching energy
-
540
-
µJ
td(off)
Turn-off delay time
VCE = 400 V, IC = 30 A,
VGE = 5 V, RG = 10 Ω,
TJ = 175 °C
-
434
-
ns
tf
Current fall time
-
24
-
ns
Eoff(1)
Turn-off switching energy
-
660
-
µJ
1. Including the tail of the collector current.
STGO30H60DLLFBAG
Electrical characteristics
DS12913 - Rev 4
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com