Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGO30H60DLLFBAG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGO30H60DLLFBAG
Description  Automotive-grade trench gate field-stop, 600 V, 30 A, high-speed HB series IGBT in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGO30H60DLLFBAG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGO30H60DLLFBAG Datasheet HTML 7Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 8Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 9Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 10Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 11Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 12Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 13Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 14Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Revision history
Table 7. Document revision history
Date
Revision
Changes
08-Feb-2019
1
First release.
11-Nov-2020
2
Updated Section 3.1 TO-LL type B package information.
Added Section 3.2 TO-LL packing information.
Minor text changes.
18-Oct-2021
3
Modified marking on cover page.
Modified Table 1. Absolute maximum ratings.
Updated Section 3.1 TO-LL type B package information.
Minor text changes.
25-Jan-2022
4
Modified Features.
Modified Section 1 Electrical ratings, Table 3. Static characteristics and
Table 5. IGBT switching characteristics (inductive load).
Added Section 2.1 Electrical characteristics (curves).
Minor text changes.
STGO30H60DLLFBAG
DS12913 - Rev 4
page 13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com