Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGO30H60DLLFBAG Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGO30H60DLLFBAG
Description  Automotive-grade trench gate field-stop, 600 V, 30 A, high-speed HB series IGBT in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGO30H60DLLFBAG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGO30H60DLLFBAG Datasheet HTML 3Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 4Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 5Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 6Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 7Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 8Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 9Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 10Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Figure 19. Typical switching times vs collector current
GADG240120221007STC
10 2
10 1
0
10
20
30
40
50
60
t
(ns)
IC (A)
tf
td(off)
10
VGE = 5 V, TJ = 175
℃
Figure 20. Typical switching times vs gate resistance
GADG240120221008STR
10 3
10 2
10 1
0
10
20
30
40
t
(ns)
RG (Ω)
VGE = 5 V, TJ = 175
℃
IC = 30 A
td(off)
tf
Figure 21. Maximum transient thermal impedance for IGBT
GADG2401202211418ZTH_IGBT
10 -1
10 -2
10 -3
10 -6
10 -5
10 -4
10 -3
10 -2
tp (s)
0.4
0.1
0.05
duty=0.5
0.2
ton
T
duty = ton / T
RthJC = 0.57 °C/W
Single pulse
ZthJC
(°C/W)
0.3
Figure 22. Maximum transient thermal impedance for diode
GADG2401202211419ZTH_diode
10 0
10 -1
10 -2
10 -6
10 -5
10 -4
10 -3
10 -2
tp (s)
0.4
0.05
0.1
0.05
duty=0.5
0.1
Single pulse
ZthJC
(°C/W)
0.3
0.2
ton
T
duty = ton / T
RthJC = 1.51 °C/W
STGO30H60DLLFBAG
Electrical characteristics (curves)
DS12913 - Rev 4
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com