Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGO30H60DLLFBAG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGO30H60DLLFBAG
Description  Automotive-grade trench gate field-stop, 600 V, 30 A, high-speed HB series IGBT in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGO30H60DLLFBAG Datasheet(HTML) 5 Page - STMicroelectronics

  STGO30H60DLLFBAG Datasheet HTML 1Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 2Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 3Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 4Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 5Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 6Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 7Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 8Page - STMicroelectronics STGO30H60DLLFBAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Figure 7. Collector current vs switching frequency
GADG250120221033CCS
80
60
40
20
0
10 0
10 1
10 2
IC
(A)
f (kHz)
TC= 80 °C
TC= 100°C
Rectangular current shape
(duty cycle = 0.5, VCC = 400 V,
RG = 10 Ω, VGE= 0 to 5 V,
TJ = 175 °C
Figure 8. Forward bias safe operating area
GADG240120220955FSOA
10 2
10 1
10 0
10 -1
10 0
10 1
10 2
IC
(A)
VCE (V)
tp=10 µs
tp=1 µs
tp=1 ms
V(BR)CES
single pulse
TC = 25 °C
TJ ≤ 175 °C
tp=100 µs
Figure 9. Typical transfer characteristics
GADG240120220955TCH
120
100
80
60
40
20
0
1
1.5
2
2.5
3
IC
(A)
VGE (V)
VCE=5 V
TJ= 25 °C
TJ= 175 °C
Figure 10. Typical reverse diode forward characteristics
IGBT181020161526DVF
2.4
2.0
1.6
1.2
0.8
0.4
0
20
40
60
80
100
VF
(V)
IF (A)
TJ = -50 °C
TJ = 25 °C
TJ = 175 °C
Figure 11. Normalized gate threshold vs temperature
GADG240120220959NVGE
1.2
1.0
0.8
0.6
0.4
-75
-25
25
75
125
175
VGE(th)
(Norm.)
TJ (°C)
IC= 1 mA
Figure 12. Normalized breakdown voltage vs temperature
GADG240120221000NVBR
1.12
1.08
1.04
1.00
0.96
0.92
0.88
-75
-25
25
75
125
175
V(BR)CES
(Norm.)
TJ (°C)
IC = 1 mA
STGO30H60DLLFBAG
Electrical characteristics (curves)
DS12913 - Rev 4
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com