Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet (PDF) - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet PDF - Kinetic Technologies.
Part # ECS-MPI4040R4-6R8-R
Download  ECS-MPI4040R4-6R8-R Download
File Size   1722.56 Kbytes
Page   37 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power

ECS-MPI4040R4-6R8-R Datasheet (PDF)

Go To PDF Page Download Datasheet
ECS-MPI4040R4-6R8-R Datasheet PDF - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Download  ECS-MPI4040R4-6R8-R Click to download

File Size   1722.56 Kbytes
Page   37 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power

ECS-MPI4040R4-6R8-R Datasheet (HTML) - Kinetic Technologies.


ECS-MPI4040R4-6R8-R Product details

Features

➢ Backlight LED Driver
• Wide input range: 2.7V~5.5V
• High efficiency step-up LED driver with 6-Ch
current sinks, up to 40V boost voltage.
− Up to 30mA/Ch in backlight mode
− ±0.7% current matching at 20mA
− ±2.2% current accuracy at 20mA
• I2C/PWM dual dimming control scheme
− High resolution I2C 11-bit linear or
exponential dimming
− Wide range PWM dimming
▪ 100Hz to 100kHz frequency
▪ 0.2% to 100% duty cycle at 20kHz
• Programmable current sink turn on/off ramp
time/shape and transition ramp up/down time
• 1.0MHz typical boost switching frequency
• Programmable input PWM hysteresis to
minimize jitter at low PWM duty cycle
• Programmable OVP and current limitation
• LED open/short protection
➢ LCD Panel Bias
• Wide input range: 2.7V~5.5V
• Programmable dual output Bias regulator using
a single inductor
• Programmable ramp time for OUTP and OUTN
• Charge pump PFM mode at light load
• LCD Bias efficiency: up to 85%
• Wide dual output voltage range ±4.0V to ±6.3V
(50mV/step) and output current up to 200mA at
VIN ≥ 2.9 V
• Active output discharge function
• Current limitation and short protection
➢ Others
• System level input UVLO
• Thermal shutdown protection
• Low shutdown current <1μA
• Flexible I2C interface
• Pb-free Packages: WLCSP-28
• RoHS and Green Compliant
• -40°C to +85°C Temperature Range

Applications

• Tablet Backlight and Bias

Brief Description

KTZ8866 is the ideal power solution for LED backlighting
and LCD bias power of medium size panels. It integrates a
step-up converter for LED backlighting, a step-up converter
with LDO and inverting charge pump for LCD bias power,
resulting in a simpler and smaller solution with fewer
external components. High switching frequency allows the
use of a smaller inductor and capacitor. Its input operating
range is from 2.7V to 5.5V, accommodating 1-cell lithium
ion batteries or 5V supply.
The LED driver’s six regulated current sinks can regulate
up to 30mA with its maximum boost output voltage up to
40V. 11-bit linear or exponential ILED resolution can be
obtained over I2C or PWM dimming. For additional
flexibility, PWM dimming offers wide range frequency and
duty cycle to support Content Adaptive Brightness Control
(CABC).
The LCD bias power section includes a step-up converter,
LDO and an inverting charge pump to generate dual
outputs, OUTP and OUTN, whose voltages can be
programmed via an I2C interface. By integrating
synchronous rectification MOSFETs for the step-up
converter and charge pump, the KTZ8866 maximizes
conversion efficiency up to 85%.
Various protection features are built into KTZ8866,
including inductor current limit protection, output short
circuit protection, output over-voltage protection, LED fault
(open or short) protection and thermal shutdown
protection.
KTZ8866 is equipped with I2C interface for various controls
and status monitor.
KTZ8866 is available in a RoHS and Green compliant 28-
ball 1.73mm x 2.92mm x 0.62mm WLCSP package.




Similar Part No. - ECS-MPI4040R4-6R8-R

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-.327-12.5-11X ECS-ECS-.327-12.5-11X Datasheet
416Kb / 1P
SMD TUNING FORK CRYSTAL
ECS-.327-12.5-12-TR ECS-ECS-.327-12.5-12-TR Datasheet
608Kb / 2P
SMD TUNING FORK CRYSTAL
ECS-.327-12.5-12-TR ECS-ECS-.327-12.5-12-TR Datasheet
589Kb / 2P
The ultra-minature ECX-12 is a very compact SMD Tuning Fork Crystal
ECS-.327-12.5-1210-TR ECS-ECS-.327-12.5-1210-TR Datasheet
642Kb / 2P
The ultra-minature ECX-1210 is a very compact SMD Tuning Fork Crystal
ECS-.327-12.5-12L-TR ECS-ECS-.327-12.5-12L-TR Datasheet
592Kb / 2P
The ultra-minature ECX-12L is a very compact SMD Tuning Fork Crystal
More results


Similar Description - ECS-MPI4040R4-6R8-R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
logo
Global Mixed-mode Techn...
G5567 GMT-G5567 Datasheet
118Kb / 1P
6-CH Bias Power Supply for LCD TVs
logo
Texas Instruments
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
TPS65177 TI1-TPS65177_16 Datasheet
3Mb / 66P
Programmable 6-CH LCD Bias IC
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
logo
Kinetic Technologies.
KTZ8850 KINETIC-KTZ8850 Datasheet
223Kb / 2P
High Efficiency Step-Up LED Driver with Dual Output LCD Bias Power
August 2020 - Revision 04c
KTZ8863A KINETIC-KTZ8863A Datasheet
155Kb / 2P
High Efficiency 3-CH LED Backlight Driver with Dual LCD Bias Power
October 2020 - Revision 04b
KTZ8864A KINETIC-KTZ8864A Datasheet
1Mb / 37P
High Efficiency 4-CH LED Backlight Driver with Dual LCD Bias Power
November 2021 - Revision 04b
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com