Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 5 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 5 Page - Kinetic Technologies.

  ECS-MPI4040R4-6R8-R Datasheet HTML 1Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 2Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 3Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 4Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 5Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 6Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 7Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 8Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 5 of 37
Company Confidential
Absolute Maximum Ratings1
(TA = 25
C unless otherwise noted)
Symbol
Description
Value
Units
VIN
Input Voltage
-0.3 to 6
V
LX_BL
LX_BL to GND DC
-0.3 to 42
V
LX_BL to GND AC Transient: 100 ns
-1.0 to 44
V
VOUT
LED Backlight driver output node
-0.3 to 42
V
S1, S2, S3, S4, S5, S6
LED Backlight driver current sink
-0.3 to 32
V
HWEN, SCL, SDA, PWM,
ENP, ENN
Control Pins
-0.3 to VIN+0.3
V
LX_LCD, CFLY1, OUTP, REG
LCD Bias power positive voltage and switching node
-0.3 to 7
V
OUTN, CFLY2
LCD Bias power negative output voltage and
switching node
-7 to 0.3
V
TJ
Junction Operating Temperature Range
-40 to 150
°C
TS
Storage Temperature Range
-65 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
ESD
HBM Electrical Static Discharge
2.0
kV
ESD Ratings
Symbol
Description
Value
Units
VESD
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001
±2000
V
Charge device model (CDM), per JEDEC specification JESD22-C101
±500
V
Thermal Capabilities2
Symbol
Description
Value
Units
θJA
Thermal Resistance
– Junction to Ambient
66.8
C/W
PD
Maximum Power Dissipation at TA
≤ 25°C
1870
mW
ΔPD/ΔT
Derating Factor Above TA = 25°C
-14.97
mW/°C
Ordering Information
Part Number
Marking3
Operating
Temperature
Package
KTZ8866EKAA-TR
PRXXYYZZZZ
-40°C to +85°C
WLCSP-28
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device.
Functional operation at
conditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one
time.
2. Junction to Ambient thermal resistance is highly dependent on PCB layout. Values are based on thermal properties of the device when
soldered to an EV board.
3. PR = Device ID Code, XX = Date Code, YY = Assembly Code, ZZZZ = Serial Number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com