Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 29 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 29 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 25Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 26Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 27Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 28Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 29Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 30Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 31Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 32Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 33Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 29 of 37
Company Confidential
Table 12. LCD_CFG1 Register
ADDRESS
MODE
RESET VALUE: 0x18
0x09
R/W
BIT
NAME
POR
DESCRIPTION
7
LCD_EN
0
0 = Bias supply off (I2C and external) (Default)
1 = Normal mode
6:5
RSVD
00
4
OUTP_DISCH
1
0 = No pulldown on OUTP
1 = Pulldown on OUTP when in shutdown (Default)
3
OUTN_DISCH
1
0 = No pulldown on OUTN
1 = Pulldown on OUTN when in shutdown (Default)
2
OUTP_EN
0
0 = OUTP disabled (Default)
1 = OUTP enabled
1
OUTN_EN
0
0 = OUTN disabled (Default)
1 = OUTN enabled
0
EXT_EN
0
Activates external enables (ENP and ENN)
0 = External enables are disabled. OUTP and OUTN can only be
enabled via bit OUTP_EN and OUTN_EN, respectively (Default)
1 = External enables are enabled. OUTP and OUTN can only be enabled
via pin ENP and ENN, respectively.
Table 13. LCD_CFG2 Register
ADDRESS
MODE
RESET VALUE: 0x11
0x0A
R/W
BIT
NAME
POR
DESCRIPTION
7:6
BIAS_SHORT_MODE
00
0X = Flag only (Default)
10 = Flag + shutdown VOUTP/VOUTN
11 = Flag + shutdown VOUTP/VOUTN/Backlight
5:4
VOUTP_RAMP
01
VOUTP ramp time, low to high:
00 = 228µs
01 = 456µs (Default)
10 = 684µs
11 = 912µs
3:0
VOUTN_RAMP
0001
VOUTN ramp time, high to low:
0000 = 456µs
0001 = 912µs (Default)
0010 = 1368µs
0011 = 1824µs
0100 = 2280µs
0101 = 2736µs
0110 = 3192µs
0111 = 3648µs
1000 = 4104µs
1001 = 4560µs
1010 = 5016µs
1011 = 5472µs
1100 = 5928µs
1101 = 6384µs
1110 = 6840µs
1111 = 7296µs
Note:
1.
For VOUTP_RAMP time, it is fixed slew rate ramp strategy, the ramp time value is given by assuming OUTP = 5.75V. If OUTP is set 5.5V and
VOUTP_RAMP = 01, then actual ramp time will be 456*5.5/5.75 = 436µs.
2.
For VOUTN_RAMP time, it is fixed slew rate ramp strategy, the ramp time value is given by assuming OUTN = -5.75V. If OUTN is set -5.5V and
VOUTN_RAMP = 0001, then actual ramp time will be 912*5.5/5.75 = 872µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com