Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 30 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 30 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 26Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 27Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 28Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 29Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 30Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 31Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 32Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 33Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 34Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 30 of 37
Company Confidential
Table 14. LCD_CFG3 Register
ADDRESS
MODE
RESET VALUE: 0x00
0x0B
R/W
BIT
NAME
POR
DESCRIPTION
7:4
RSVD
0000
3:2
VOUTP_SC_FILT
00
OUTP short circuit filter timer
00 = 2ms (Default)
01 = 1ms
10 = 500μs
11 = 100μs
1:0
VOUTN_SC_FILT
00
OUTN short circuit filter timer
00 = 2ms (Default)
01 = 1ms
10 = 500μs
11 = 100μs
Table 15. LCD_BOOST_CFG Register
ADDRESS
MODE
RESET VALUE: 0x28
0x0C
R/W
BIT
NAME
POR
DESCRIPTION
7:6
RSVD
00
5:0
REG
101000
REG voltage (50-mV steps): REG = 4V + (Code × 50mV)
000000 : 4V
000001 : 4.05V
:
101000 : 6V (Default)
:
>=110100 = 6.6V
Table 16. OUTP_CFG Register
ADDRESS
MODE
RESET VALUE: 0x1E
0x0D
R/W
BIT
NAME
POR
DESCRIPTION
7:6
RSVD
00
5:0
OUTP
011110
OUTP voltage (50mV steps): VOUTP = 4V + (Code × 50mV), 6.3V max
000000 : 4V
000001 : 4.05V
:
011110 : 5.5V (Default)
:
>=101110 : 6.3V
Note: Writing to Register 0x0D will not take effect immediately, until Register 0x09 is written again.
Table 17. OUTN_CFG Register
ADDRESS
MODE
RESET VALUE: 0x1C
0x0E
R/W
BIT
NAME
POR
DESCRIPTION
7:6
RSVD
00
5:0
OUTN
011100
OUTN voltage (
–50mV steps): V
OUTN = -4 V - (Code × 50mV), -6.3V min
000000 =
–4 V
000001 =
–4.05V
:
011100 = -5.4V (Default)
:
>=101110 =
–6.3V
Note: Writing to Register 0x0E will not take effect immediately, until Register 0x09 is written again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com