Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 21 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 21 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 17Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 18Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 19Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 20Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 21Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 22Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 23Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 24Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 25Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 21 of 37
Company Confidential
Backlight PWM Hysteresis
In backlight mode, if PWM dimming frequency is high and PWM dimming duty cycle is low, even the internal fast
20MHz sampling clock’s sampling error can be sufficient to cause the output LED current jitter. KTZ8866
implements PWM hysteresis control to minimize the jitter. It can be programmed by register 0x03 bits [2:0]. The
input PWM duty cycle is converted to an internal 11-bit digital value, this PWM hysteresis decides how many
LSBs of this 11-bit digital value is changed before the output LED current can follow the change. When PWM
duty
cycle changes in the same direction, no hysteresis exists. Only when the PWM duty cycle’s change starts
to go in different direction, does the hysteresis starts to take effect, and only when the change is larger or equal
to the number of LSBs programmed, the output LED current starts to follow the change. Table 2 shows the
relationship between the minimum LSB(s) and the PWM duty cycle hysteresis. Table 3 summarizes register
0x03 bits [2:0
]’s minimum setting to prevent jitter under different input PWM frequency conditions. The drawback
of setting PWM hysteresis too high is that the output current becomes less accurate due to the hysteresis.
Table 2. PWM Hysteresis
PWM Register
0x03 Bits [2:0]
Minimum
LSB(s)
PWM Duty
Cycle
Hysteresis
000
0
0/2047 = 0%
001
2
2/2047 = 0.10%
010
4
4/2047 = 0.20%
011
6
6/2047 = 0.29%
100
8
8/2047 = 0.39%
101
10
10/2047 = 0.48%
110
12
12/2047 = 0.59%
111
14
14/2047 = 0.68%
Table 3. Register 0x03 Bits
[2:0]’s Minimum Setting
PWM Dimming
Frequency (kHz)
Sampling Error
Register 0x03 Bits [2:0
]’s
Minimum Setting to Prevent Jitter
0.1
0.0005%
001
1
0.005%
001
5
0.025%
001
10
0.05%
001
20
0.1%
010
40
0.2%
011
100
0.5%
110
Turn On/Off Ramp
When
backlight mode is enabled from standby mode or disabled to standby mode, the LED current waveform’s
turn on/off time is controlled by Turn On/Off Ramp Register 0x14 bits [7:4] and bits [3:0] respectively. The 16
options range from 512µs to 16384ms, with 8ms as default. The shape of the turn on/off ramp in backlight mode
can also be programmed as exponential or linear through the Register 0x02 bit [1], with linear as default.
LED Fault Protection
Each current sink is protected against LED short or open conditions. The outcome of LED short event depends
on the setting of LED_SHORT_MODE bit in register 0x10. If it is
‘1’ and LED short circuit condition arises, the
current sink continues to regulate until VSINK > VSOV. When any sink node voltage goes above VSOV (6V) for more
than 59ms (typ.), LED_SHORT flag will be set in 0x0F and
that channel’s current sink will be turned off, and the
other channel(s) will continue to work if they don’t trigger this fault condition. If it is ‘0’, the LED_SHORT flag will
be set in 0x0F when VSINK > VSOV more than 59ms(typ.) is detected, but KTZ8866 will keep working as usual
without turning off the shorted
channel’s current sink until it reaches thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com