Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 3 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 3 Page - Kinetic Technologies.

  ECS-MPI4040R4-6R8-R Datasheet HTML 1Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 2Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 3Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 4Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 5Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 6Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 7Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 8Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 3 of 37
Company Confidential
Pin Descriptions
Pin #
Name
Function
A1
OUTN
Charge pump output pin of the negative power. Bypass with a 10µF ceramic capacitor to
PGND_CHP.
A2
CFLY2
Negative charge pump flying capacitor negative connection.
A3
PGND_CHP
Power ground for negative charge pump.
A4
CFLY1
Negative charge pump flying capacitor pin positive connection.
B1
VIN
Input supply pin for the IC, bypass with a 10µF ceramic capacitor to GND.
B2
ENN
Enable pin for negative power (OUTN), 300K
Ω pull down resistor to GND
B3
ENP
Enable pin for positive power (OUTP), 300K
Ω pull down resistor to GND
B4
OUTP
LDO output pin of the positive power, bypass with a 10µF ceramic capacitor.
C1
S1
Regulated output current sink #1.
C2
SCL
Clock of the I2C interface.
C3
SDA
Bi-directional data pin of the I2C interface.
C4
REG
LCD-Bias Boost converter output pin, bypass a 10µF ceramic capacitor to PGND_LCD
D1
S2
Regulated output current sink #2.
D2
PWM
PWM dimming input pin, 3
00kΩ pull-down resistor at this pin to GND.
D3
HWEN
Active high hardware enable pin,
400kΩ pull-down resistor to GND.
D4
LX_LCD
Switching node of the LCD Bias boost converter.
E1
S3
Regulated output current sink #3.
E2
SGND
Ground pin for sink driver.
E3
AGND
Analog ground pin.
E4
PGND_LCD
Power ground for LCD Bias power supply boost converter.
F1
S4
Regulated output current sink #4.
F2
VOUT
Output voltage sense pin of the step-up converter.
F3, F4
PGND_BL
Power Ground for LED boost converter.
G1
S5
Regulated output current sink #5.
G2
S6
Regulated output current sink #6.
G3, G4
LX_BL
Switching pin of the LED step-up converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com