Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 18 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 18 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 14Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 15Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 16Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 17Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 18Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 19Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 20Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 21Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 22Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 18 of 37
Company Confidential
When PWM dimming is enabled and a non-zero PWM duty cycle is detected, the KTZ8866 multiplies the duty
cycle with I2C brightness settings. Figure 2 and Figure 3 describe the start-up timing for operation with I2C
controlled current and with PWM controlled current.
I2C Registers in
Reset
I2C Data Valid
I2C Brightness Data
Sent
I2C LED String
Enable
TI2C_RESET
VIN
HWEN
I2C
ILED
Figure 2. Enable of KTZ8866 via I2C
I2C Registers in
Reset
I2C Data Valid
I2C PWM Dimming
Enable
I2C LED String
Enable
TI2C_RESET
VIN
HWEN
I2C
ILED
PWM
TPWM_STBY
Figure 3. Enable of KTZ8866 via PWM
Operating Mode Description
The KTZ8866 backlight can operate in different modes, see Table 1 below
Table 1. Backlight Operating Modes
HWEN
BL_EN
0x08[6]
PWM
INPUT
I
2C
BRIGHTNESS
0X05[7:0]
0X04[2:0]
CURRENT
SINKs
ENABLEs
0x08[5:0]
PWM_EN
0x02[0]
FEEDBACK
DISABLEs
0x10[6:1]
MAPPING MODE
0x02[3]
ACTION
0
X
X
X
X
X
X
X
Shutdown
1
0
X
X
X
X
X
X
Standby7
1
1
X
0x000
000000
X
X
X
Standby7
1
1
X
≥0x001
≥000001
0
<111111
0 = Exp. Mode
1 = Lin. Mode
-Backlight boost enabled
-Selected current sink(s) enabled
-I2C control only
1
1
Duty = 0
X
≥000001
1
<111111
X
Standby7
1
1
Duty > 0
≥0x001
≥000001
1
<111111
0 = Exp. Mode
1 = Lin. Mode
-Backlight boost enabled
-Selected current sink(s) enabled
-I2C × PWM control
1
1
Duty > 0
≥0x001
≥000001
1
111111
0 = Exp. Mode
1 = Lin. Mode
-Backlight boost disabled
-Selected current sink(s) enabled
-I2C × PWM control
7. Standby signifies that the backlight boost and current sinks are shut down. Register writes are still possible. Shutdown signifies that that
the device was reset and no I2C communication is accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com