Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 28 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 28 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 24Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 25Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 26Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 27Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 28Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 29Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 30Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 31Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 32Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 28 of 37
Company Confidential
Table 9. BL_BRT_LSB Register
ADDRESS
MODE
RESET VALUE: 0x07
0x04
R/W
BIT
NAME
POR
DESCRIPTION
7:3
RSVD
00000
2:0
BRT[2:0]
111
3-bit brightness code LSBs
Table 10. BL_BRT_MSB Register
ADDRESS
MODE
RESET VALUE: 0xFF
0x05
R/W
BIT
NAME
POR
DESCRIPTION
7:0
BRT[7:0]
11111111
11-bit brightness code MSBs
Note:
1.
If only using 8-bit current ratio, keep the 3-
bit LSBs as ‘111’ and only program the 8-bit MSBs.
2.
If using 11-bit current ratio, the 3-bit LSBs should be programmed first, then the 8-bit MSBs can be programmed to take effect. Even if only the 3-bit LSBs
need to be changed, the 8-bit MSB should always be programmed to make the 3-bit LSBs change taking effect.
3.
For 11-
bit program code 11’b00000000000, both boost converter and current sinks are turned off.
Table 11. BL_EN Register
ADDRESS
MODE
RESET VALUE: 0x3F
0x08
R/W
BIT
NAME
POR
DESCRIPTION
7
SOFTWARE_RESET
0
0 = No reset (Default)
1 = Device reset (automatically returns to 0 after reset)
6
BL_EN
0
0 = BL disabled (Default)
1 = BL enabled
5
LED6_EN
1
0 = Current sink 6 disabled
1 = Current sink 6 enabled (Default)
4
LED5_EN
1
0 = Current sink 5 disabled
1 = Current sink 5 enabled (Default)
3
LED4_EN
1
0 = Current sink 4 disabled
1 = Current sink 4 enabled (Default)
2
LED3_EN
1
0 = Current sink 3 disabled
1 = Current sink 3 enabled (Default)
1
LED2_EN
1
0 = Current sink 2 disabled
1 = Current sink 2 enabled (Default)
0
LED1_EN
1
0 = Current sink 1 disabled
1 = Current sink 1 enabled (Default)
Note: Writing software reset bit to ‘1’ will reset all I2C registers to their default values, then this bit will be internally reset back to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com