Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 35 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 35 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 29Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 30Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 31Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 32Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 33Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 34Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 35Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 36Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 37Page - Kinetic Technologies.  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 35 of 37
Company Confidential
Flying Capacitor Selection for Bias
The charge pump needs an external flying capacitor. The minimum value for smartphone application is 4.7
μF
and 10
μF for tablet application. Special care must be taken while choosing the flying capacitor as it will directly
impact the output voltage accuracy and load regulation performance.
Inductor Selection for Dual Output Bias
An inductor in the range of 2.2µH to 10µH with low DCR can be selected for the boost converter. To estimate
the inductance required for applications, calculate the maximum input average current as the following
Where, η is the converter efficiency and can be approximated as 90% for the typical case. In order to have
smaller current ripple (to improve efficiency and minimize output voltage ripple), larger inductance will be
required. If inductor ripple current needs to be less than 40% of the average input current, then
Where duty cycle can be estimated as
Then
Therefore, the inductance can be calculated as
Where, fS is the switching frequency of the boost converter.
=
IN
MAX
OUT
OUT
MAX
IN
V
I
V
I
)
(
)
(
=
IN
MAX
OUT
OUT
S
IN
L
V
I
V
L
T
D
V
I
)
(
%
40
OUT
IN
OUT
V
V
V
D
−
=
−
=
IN
MAX
OUT
OUT
OUT
S
IN
OUT
IN
L
V
I
V
V
L
T
V
V
V
I
)
(
%
40
)
(
S
MAX
OUT
OUT
IN
OUT
IN
f
I
V
V
V
V
L
−
)
(
2
2
%
40
)
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com