Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 8 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 8 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 4Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 5Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 6Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 7Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 8Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 9Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 10Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 11Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 12Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 8 of 37
Company Confidential
Electrical Characteristics4
Unless otherwise noted, the Min and Max specs are applied over the full operation temperature range of
–40°C to +85°C, while Typ values are specified at room temperature (25°C). VIN = 3.6V.
Symbol
Description
Conditions
Min
Typ
Max
Units
OUTN-Negative Output
OUTN
Negative output voltage range
-6.3
-4.0
V
Output voltage step size5
50
mV
Output voltage accuracy
VOUTN = -5.4V, no load
-1.5
+1.5
%
IOUTN_MAX
Maximum output current limit
200
mA
EFFCHP
Inverting charge pump efficiency5
VREG = 5.7 V, VOUTN =
–5.4V,
IOUTN >
–5mA
85
%
TOUTN_SS
Startup time
Co = 10µF, VOUTN = -5.75V,
VOUTN_RAMP =
4b’0001
912
µs
RPD_OUTN
Output pulldown resistor in shutdown
20
35
Ω
PWM INPUT5
fPWM_INPUT
PWM input frequency
0.1
100
kHz
tMIN_ON
Minimum pulse ON time
150
ns
tMIN_OFF
Minimum pulse OFF time
150
ns
PWMRES
PWM input resolution
100Hz < fPWM < 10KHz
11
bit
I2C-Compatible Voltage Specifications (SCL, SDA, ENP, ENN, PWM, HWEN)
VIL
Input Logic Low Threshold
0.4
V
VIH
Input Logic High Threshold
1.2
V
VOL
SDA Output Logic Low
ISDA = 3mA
0.4
V
RPDHWEN
Pulldown resistance on HWEN pin
300
K
Ω
RPDPWM
Pulldown resistance on PWM pin
300
K
Ω
RPDENP
Pulldown resistance on ENP pin
300
K
Ω
RPDENN
Pulldown resistance on ENN pin
300
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com