Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 6 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 6 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 2Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 3Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 4Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 5Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 6Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 7Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 8Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 9Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 10Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 6 of 37
Company Confidential
Electrical Characteristics4
Unless otherwise noted, the Min and Max specs are applied over the full operation temperature range of
–40°C to +85°C, while Typ values are specified at room temperature (25°C). VIN = 3.6V.
Symbol
Description
Conditions
Min
Typ
Max
Units
IC Supply
VIN
Input operating range
2.7
5.5
V
UVLO
Input under voltage lockout
Rising edge
2.45
2.65
V
UVLOHYST
UVLO hysteresis
0.05
V
IQ
IC standby current
HWEN = VIN, LCD Boost disabled,
LED Boost and Current Sink disabled.
1
7
µA
ILCD_EN
Bias power no load current
LED Boost and Current Sink disabled.
OUTP, OUTN enabled with no load.
1.1
1.3
mA
ISHDN
IC shutdown VIN current
HWEN = 0, ENP = ENN = GND
1
3
µA
Boost Converter for LED Backlight
RDS(ON)
NMOS on-resistance
VIN=3.6V, ISW = 250mA, TA = 25°C
0.2
0.3
Ω
ILIM
Peak NMOS current limit
Reg 0x11[1:0]=00, TA = 25°C
1.02
1.2
1.38
A
FSW
Oscillator frequency
TA = 25°C
0.9
1.0
1.1
MHz
EFFLEDBST
Boost Efficiency5
VIN = 3.6V, ILED = 5mA/ch, 6P6S LEDS,
Typical application circuit.
87
%
DMAX
Maximum duty cycle5
FSW = 1MHz, TA = 25°C
89
94
%
VOVP
OVP threshold
Reg 0x02[7:5]=111, default, TA = 25°C
38.5
40
41.3
V
OVP hysteresis
2
V
4. KTZ8866 is guaranteed to meet performance specifications over the
–40°C to +85°C operating temperature range by design,
characterization and correlation with statistical process controls.
5. Guarantee by characterization and/or simulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com