Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 22 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 22 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 18Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 19Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 20Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 21Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 22Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 23Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 24Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 25Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 26Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 22 of 37
Company Confidential
In case of an LED failing open, the current sink voltage of the failed string will go close to ground and dominate
the boost converter control loop. As a result, the output voltage will increase until it reaches the over-voltage
threshold set by register 0x02. Once an OVP event has been detected, the boost will stop switching and the
BL_OVP flag will be set in register 0x0F. The outcome of OVP event depends on the setting of OVP_MODE bit
in register 0x02. If OVP_MODE is set to 0, the LED open channel will not be disabled, as soon as VBL_OUT falls
below the backlight OVP threshold, the KTZ8866 begins switching again, so that VBL_OUT will be kept close to
OVP threshold. Once the opened channel resumes to connected later, its LED current will resume and VBL_OUT
will go back to normal level. If OVP_MODE is set to 1, once the over-voltage incident is triggered, the BL_OVP
flag is set in register 0x0F. Any of the enabled current sink headroom voltage drops below 150mV will be
disabled. Then the output voltage of the boost converter will go back to normal level. During the entire process,
the rest of the LED string (healthy LED string) would continue in normal operation. Even if the open channel is
reconnected later, its LED current will not resume until toggling HWEN or sending software reset command or
resetting backlight mode.
In case where all LED channels are open, once the output voltage of the boost converter reaches the over-
voltage threshold, all the current sinks will be disabled internally and the boost converter will stop switching.
User needs to restart the IC by toggling HWEN or sending software reset command or resetting backlight mode.
Backlight Over Current Protection
The KTZ8866 has 4 different OCP thresholds (1.2A, 1.6A, 2.0A, and 2.5A) chosen by register 0x11 bits [1:0]. It
is a cycle-by-cycle current limit by detecting low side power FET current. Once the threshold is trigged, the low
side power FET will be turned off immediately for the rest of the switching cycle time. If enough overcurrent
threshold events occur, the BL_OCP Flag (register 0x0F, bit [0]) will be set.
LCD Bias Boost Converter
REG pin is the output of a high efficiency boost which is used to generate OUTP and OUTN power rails. REG
boost ranges from 4V to 6.6V with 50mV step size. OUTP is generated by an LDO whose input is REG pin.
OUTP ranges from 4V to 6.3V with 50mV step size and supports up to 200mA output current. OUTN is generated
by an inverting charge pump whose input is REG pin. OUTN ranges from -6.3V to -4V with 50mV step size and
supports up to 200mA output current. Refer to 0x0C, 0x0D, 0x0E for the settings of REG, OUTP and OUTN.
For proper operation, REG voltage is suggested to be
������������������ = ������������������(������������������������, |������������������������|) + ������������������, where ������������������ ≥ 200������������
for lower currents and
������������������ ≥ 300������������ for higher currents.
OUTP and OUTN voltage settings can be changed while they are enabled, but user must re-write 0x09 to get
new settings taking effect. The REG voltage changes immediately upon a register write. The LCD Bias outputs
can be turned on/off either by ENP and ENN pins or by 0x09 register bits [2:1]. EXT_EN bit in 0x09 is used to
select on/off is controlled by external pins or internal register bits. Refer to Table 4 for detailed information.
Table 4. LCD Bias Power Operating Mode
HWEN
ENN
ENP
LCD_EN_MODE
0x09[7]
OUTP_EN
0x09[2]
OUTN_EN
0x09[1]
EXT_EN
0x09[0]
ACTION
0
X
X
X
X
X
X
Device shutdown
1
0
0
0
X
X
1
Standby8
1
X
X
1
0
0
0
Standby8
1
0
1
1
X
X
1
VOUTP enabled via external input
1
1
0
1
X
X
1
VOUTN enabled via external input
1
1
1
1
X
X
1
VOUTP and VOUTN enabled via external
Input
1
X
X
1
1
0
0
VOUTP enabled via I
2C
1
X
X
1
0
1
0
VOUTN enabled via I
2C
1
X
X
1
1
1
0
VOUTP and VOUTN enabled via I
2C
8. Standby signifies that OUTP and OUTN are either high impedance or being internally pulled low via the active pulldown, and that the LCD
boost is off. Shutdown signifies that that the device was reset and no I2C communication is accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com