Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 27 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 27 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 23Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 24Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 25Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 26Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 27Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 28Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 29Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 30Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 31Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 27 of 37
Company Confidential
Table 7. BL_CFG1 Register
ADDRESS
MODE
RESET VALUE: 0xFA
0x02
R/W
BIT
NAME
POR
DESCRIPTION
7:5
BL_OVP
111
Backlight OVP
000: 21.4V
001: 26.4V
010: 31.5V
011: 36.5V
100: 23.9V
101: 29.0V
110: 34.0V
111: 40.0V (Default)
4
OVP_MODE
1
0: OVP is report only
1: OVP will turn off the fault string that cause OVP event. (Default)
3
BLED_MAP
1
0: Exponential
1: Linear (Default)
2
PWM_CONFIG
0
0: Active high (Default)
1: Active low
1
RAMP_SHAPE
1
0: Exponential
1: Linear (Default)
0
PWM_ENABLE
0
0: PWM disabled (Default)
1: PWM enabled
Note: When Backlight Current Mapping setting is changed, the LED current change will not take effect until Register 0x05 is programmed.
Table 8. BL_CFG2 Register
ADDRESS
MODE
RESET VALUE: 0x8D
0x03
R/W
BIT
NAME
POR
DESCRIPTION
7
RSVD
1
Reserved (Must be 1)
6:3
LED CURRENT
RAMP
0001
Controls backlight LED ramping time. The transient time is a constant time that
the backlight takes to transition from an existing programmed code to a new
programmed code.
0000 : 1µs
0001 : 2ms(Default)
0010 : 4ms
0011 : 8ms
0100 : 16ms
0101 : 32ms
0110 : 64ms
0111 : 128ms
1000 : 192ms
1001 : 256ms
1010 : 320ms
1011 : 384ms
1100 : 448ms
1101 : 512ms
1110 : 576ms
1111 : 640ms
2:0
PWM_HYST
101
Sets the minimum change in PWM input duty cycle that results in a change of
backlight LED brightness level
000 : 0 LSB
001: 2 LSBs
010: 4 LSBs
011: 6 LSBs
100: 8 LSBs
101: 10 LSBs(Default)
110: 12 LSBs
111: 14 LSBs
1. For LED CURRENT RAMP Time in the table, all the ramp times are fixed when current ramps from one level to the other except "0000" setting. For
"0000" setting, the ramp slope is 1µs/step, the final ramp time is proportional to the 11-bit current steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com