Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 19 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 19 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 15Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 16Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 17Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 18Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 19Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 20Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 21Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 22Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 23Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 19 of 37
Company Confidential
Backlight LED Current
The LED current is always a DC current (not PWM). It can be programmed for either exponential mapping mode
or linear mapping mode by Register 0x02 bit [3]. These two modes determine the transfer characteristic of
dimming code to LED current. It also has 11-bit control, including the 8-bit MSBs from register 0x05 bits [7:0]
and the 3-bit LSBs from register 0x04 bits [2:0]. If only 8-bit dimming is needed, the 3-bit LSBs should be kept
as ‘111’ while the 8-bit MSBs are programmed. If 11-bit dimming ratio is needed, the 3-bit LSBs should be
programmed first, then the 8-bit MSBs are programmed. Only programming the 3-
bit LSBs doesn’t change the
current ratio until the 8-bit MSBs are programmed.
In linear mapping 8-bit dimming mode, the LED current per channel can be calculated as:
������������������������_������������ = ������������������������_������������ ∗ ������������������������ ∗ (
3
2050
+
������������������������ ∗ 8 + 7
2050
) ,
(������������������������ = 0~255)
where ILED_FS is the backlight full-scale LED current which is programmed by 0x15 bits [7:3], ranges from 5.2mA
to 30mA with 0.8mA step, DPWM is the input PWM duty cycle if PWM dimming is enabled, otherwise DPWM = 1.
In linear mapping 11-bit dimming mode, the LED current per channel can be calculated as:
������������������������_������������ = ������������������������_������������ ∗ ������������������������ ∗ (
3
2050
+
������������������������
2050
) ,
(������������������������ = 1~2047)
For linear mapping 11-
bit dimming’s Code 0, current sink and boost converter will be disabled, LED will be turned
off.
In exponential mapping 8-bit dimming mode, the LED current per channel can be calculated as:
������������������������_������������ = ������������������������_������������ ∗ ������������������������ ∗
1.003040572(������������������������∗8+7)
500
(������������������������ = 0~255)
In exponential mapping 11-bit dimming mode, the LED current per channel can be calculated as:
������������������������_������������ = ������������������������_������������ ∗ ������������������������ ∗
1.003040572������������������������
500
(������������������������ = 1~2047)
For exponential mapping 11-
bit dimming’s Code 0, current sink and boost converter will be disabled, LED will
be turned off.
Backlight Brightness Control Mode
KTZ8866 has two brightness control mode, I2C Only Mode and I2C x PWM Mode, see Figure 4. In I2C Only
Mode,
register 0x02’s bit [0] PWM_ENABLE should be set to “0”, the LED brightness is controlled by registers
0x04 and 0x05. In I2C x
PWM Mode, register 0x02’s bit [0] PWM_ENABLE should be set to “1”, the LED
brightness will be controlled by I2C code and PWM duty together.
If the LED current is changed from one value to the other by I2C dimming Register 0x04 and Register 0x05, the
ramp time can help LED current transit smoothly from one brightness level to next one. Ramp time can be
adjusted from 1µs to 640ms via
0x03’s bits [6:3]. Ramp time applies both to ramp up and ramp down, it remains
same regardless the amount of change in brightness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com