Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 23 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 23 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 19Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 20Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 21Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 22Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 23Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 24Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 25Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 26Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 27Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 23 of 37
Company Confidential
Fast Discharge
KTZ8866 has internal switch resistance for discharging OUTP and OUTN when device is shutdown. The
OUTP discharge function is enabled with register 0x09 bit [4] and the OUTN discharge is enabled with register
0x09 bit [3].
OUTP Short Circuit Protection
If output current of OUTP is greater than 240mA (typical), the OUTP_SHORT flag will be set in register 0x0F. A
I2C readback is required to clear the flag. The outcome of an OUTP_SHORT detection depends on the setting
of register 0x0A bits [7:6], including report-only flag, shutdown OUTP/OUTN, and shutdown OUTP/OUTN and
backlight. KTZ8866 provides four level short circuit detection
filter: 100μs, 500μs, 1ms, and 2ms by register 0x0B
bits [3:2] to avoid false trigger problems.
OUTN Short Circuit Protection
OUTN_SHORT flag will be set in register 0x0F if OUTN is found shorted to ground. An I2C readback of register
0x0F is required to clear the flag. The outcome of an OUTN_SHORT detection depends on the setting of register
0x0A bits [7:6], including report-only flag, shutdown OUTP/OUTN, and shutdown OUTP/OUTN and backlight.
KTZ8866
provides four level short circuit detection filter options: 100μs, 500μs, 1ms, and 2ms by register 0x0B
bits [1:0] to avoid false trigger problems.
Soft Reset
All the I2
C registers can be reset to their default settings by writing ‘1’ to the SOFTWARE_RESET bit in Register
0x08,
this bit will be reset to ‘0’ automatically after the software reset.
UVLO
Under voltage lock-out (UVLO) featured is included to monitor the input voltage VIN. Once VIN drops below
UVLO falling threshold, the current sinks are disabled and the boost converters stop switching. After VIN
increases above UVLO rising threshold, the boost converters and the current sinks will resume to their previous
setting.
Thermal Shutdown
The KTZ8866 has Thermal Shutdown Protection which will turn off the backlight boost, all current sinks, LCD
bias boost, inverting charge pump, and the LDO when the die temperature reaches or exceeds 150°C (typ). The
I2C access is still available during Thermal Shutdown event, but TSD flag will be set in register 0x0F, this bit is
real time reflection of TSD. When TSD is gone, the bit will be reset back to 0 automatically.
Device Functional Modes
Shutdown: The KTZ8866 is in shutdown when the HWEN pin is low. I2C writes are not recognized in shutdown.
Standby: After the HWEN pin is set high the KTZ8866 goes into standby mode. In standby mode, I2C writes are
allowed but references, bias currents, the oscillator, LCD Bias, and backlight are all disabled to keep the
quiescent supply current low.
Normal mode: Each of the main blocks of the KTZ8866 are independently controlled. For details on how to
control each mode, see Tables 1 and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com