Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 17 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 17 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 13Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 14Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 15Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 16Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 17Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 18Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 19Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 20Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 21Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 17 of 37
Company Confidential
Functional Description
Overview
KTZ8866 is the ideal power solution for LED backlighting and LCD bias power of small and medium size panels.
It integrates a step-up converter for LED backlighting, a step-up converter with LDO and inverting charge pump
for LCD bias power, resulting in a simpler and smaller solution with fewer external components. High switching
frequency allows the use of smaller inductors and capacitors. Its operating input ranges from 2.7V to 5.5V,
accommodating 1-cell lithium ion batteries or 5V supply.
The
LED driver’s six regulated current sinks can regulate up to 30mA in backlight mode with its maximum boost
output voltage up to 40V. 11bit linear or exponential ILED resolution can be obtained over I2C or PWM diming.
For additional flexibility, PWM dimming offers wide range frequency and duty cycle to support Content Adaptive
Brightness Control (CABC).
The LCD bias power includes a step-up converter, LDO and an inverting charge pump to generate dual outputs,
OUTP and OUTN, whose voltages can be programmed via an I2C interface. By integrating synchronous
rectification MOSFETs for the step-up converter and charge pump, the KTZ8866 maximizes conversion
efficiency up to 85%.
Various protection features are built into KTZ8866, including inductor current limit protection, output short circuit
protection, output over-voltage protection, LED fault (open or short) protection and thermal shutdown protection.
KTZ8866 is equipped with I2C interface for various controls and status monitor.
Hardware Enable & Standby Mode
KTZ8866 has a logic input HWEN pin to enable/disable the device. When HWEN is set low, the device goes into
shutdown mode, all I2C registers are reset to default, and the I2C interface is disabled. Under this condition, the
device does not respond to any I2C command. Even when
SCL/SDA’s pull up voltage is much less than VIN
voltage, it will not cause any extra leakage current.
When HWEN is set high, the device goes into standby mode, the I2C interface is enabled, and the device can
respond to I2C command. Under this condition, if
SCL/SDA’s pull up voltage is much less than VIN voltage, it
can cause a small leakage current from VIN
. For example, if VIN = 4.2V and SCL/SDA’s pull up voltage is 1.8V,
there will be around 6.8µA additional leakage current from VIN in this standby mode.
Based on HWEN’s connection, there are two kinds of power-up sequences as below
• If HWEN is tied to VIN, once VIN goes above around 2.0V, HWEN should stay high for at least
TI2C_RESET = 150
s time before any I2C command can be accepted.
• If HWEN is driven by a GPIO, once HWEN goes from low to high, HWEN should stay high for at least
TI2C_RESET = 150
s time before receiving any I2C command.
Either HWEN input or I2C command can be used to turn off the part, but there are some differences.
• If setting HWEN input low to turn off the part, the ILED will be turned off immediately without any ramp down
control. After that, the I2C interface is disabled.
• If using an I2C command to turn off backlight while keeping HWEN high, the ILED will have ramp down
control. After the LED current ramp down is finished, the I2C interface is still alive waiting for new command.
Backlight Boost
A step-up converter is used to generate high voltage for driving LED strings. An adaptive control method
automatically adjusts output voltage by monitoring the headroom voltage of current sinks. In this way, KTZ8866
can offer much better efficiency. The switching frequency of KTZ8866 Backlight Boost is typical 1.0MHz.
Backlight Current Sink Setting
Each current sink can be enabled or disabled by register 0x08 bits [5:0]. They can be enabled by writing the
backlight enable bit to HIGH in register 0x08 bit [6] after correctly setting of LED configuration and brightness. If
a current sink is not used, connect its output to GND. During the startup, KTZ8866 will automatically detect and
disable the corresponding channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com