Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 10 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 10 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 6Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 7Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 8Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 9Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 10Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 11Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 12Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 13Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 14Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 10 of 37
Company Confidential
Typical Characteristics
LED Backlight
VIN = 3.6V, 6P6S LEDs, ILED = 30mA, L = 6.8µH (ECS
ECS-MPI4040R4-6R8-R), CIN = 10µF, COUT = 4.7µF,
I2C register default settings, Temp = 25°C unless otherwise specified.
50
55
60
65
70
75
80
85
90
95
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
LED Driver Efficiency vs. VIN
(ILED = 30mA)
6P6S
6P5S
6P7S
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
180
Output Current (mA)
LED Driver Efficiency vs. VIN
6P5S
6P6S
6P7S
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
Operating Current (Switching)
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
Switching Frequency vs. VIN
0.5
0.6
0.7
0.8
0.9
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
HWEN Logic Threshold Voltage
Vth-L
Vth-H
0.5
0.6
0.7
0.8
0.9
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
PWM Logic Threshold Voltage
Vth-L
Vth-H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com