Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 9 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 9 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 5Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 6Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 7Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 8Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 9Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 10Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 11Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 12Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 13Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 9 of 37
Company Confidential
Electrical Characteristics4
Unless otherwise noted, the Min and Max specs are applied over the full operation temperature range of
–40°C to +85°C, while Typ values are specified at room temperature (25°C). VIN = 3.6V.
Symbol
Description
Conditions
Min
Typ
Max
Units
I2C-Compatible Timing Specifications (SCL, SDA), see Figure 15
tLOW_SCL
SCL low clock period
1.25
µs
tHIGH_SCL
SCL high clock period
0.65
µs
fSCL
SCL clock frequency
400
kHz
tSU_DAT
Data in setup time to SCL high
100
ns
tV_DAT
Data valid time
0.9
µs
tHD_DAT
Data out stable after SCL low
0
ns
tSTART
SDA low setup time to SCL low (Start)
100
ns
tSTOP
SDA high hold time after SCL high (Stop)
100
ns
tRISE
SDA/SCL rise time
VPULLUP = 1.8V, RPULLUP
= 1 kΩ,
CBUS = 100 pF
300
ns
tFALL
SDA/SCL fall time
VPULLUP = 1.8V, RPULLUP
= 1 kΩ,
CBUS = 100 pF
300
ns
Thermal Shutdown5
TJ-TH
IC thermal shutdown threshold
150
C
IC thermal shutdown hysteresis
15
C
Figure 1. I2C Compatible Interface Timing
Start
Stop
Start
SDA
t
FALL
t
RISE
70%
30%
70%
30%
30%
70%
30%
70%
30%
70% 70%
t
SU_DAT
SCL
t
FALL
70%
30%
70%
30%
t
RISE
30%
1/f
SCL
t
START
t
HD_DAT
70%
t
HIGH
30%
30%
t
LOW
t
V_DAT
9th Clock
Pulse
70%
t
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com