Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 24 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 24 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 20Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 21Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 22Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 23Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 24Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 25Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 26Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 27Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 28Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 24 of 37
Company Confidential
Application Information
I2C Serial Data Bus
KTZ8866 supports the I2C bus protocol. A device that sends data onto the bus is defined as a transmitter and a
device receiving data as a receiver. The device that controls the bus is called a master, whereas the devices
controlled by the master are known as slaves. A master device must generate the serial clock (SCL), control
bus access and generate START and STOP conditions to control the bus. KTZ8866 operates as a slave on the
I2C bus. Within the bus specifications a standard mode (100kHz maximum clock rate) and a fast mode (400kHz
maximum clock rate) are defined. KTZ8866 works in both modes. Connections to the bus are made through the
open-drain I/O lines SDA and SCL.
The following bus protocol has been defined in Figure 5:
• Data transfer may be initiated only when the bus is not busy.
• During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data
line while the clock line is high are interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus Not Busy
Both data and clock lines remain HIGH.
Start Data Transfer
A change in the state of the data line, from HIGH to LOW, while the clock is HIGH, defines a START condition.
Stop Data Transfer
A change in the state of the data line, from LOW to HIGH, while the clock line is HIGH, defines the STOP
condition.
Data Valid
The state of the data line represents valid data when, after a START condition, the data line is stable for the
duration of the HIGH period of the clock signal. The data on the line must be changed during the LOW period of
the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of
data bytes transferred between START and STOP conditions are not limited and are determined by the master
device. The information is transferred byte-wise and each receiver acknowledges with a ninth bit.
Acknowledge
Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte.
The master device must generate an extra clock pulse that is associated with this acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way that
the SDA line is stable LOW during the HIGH period of the acknowledge-related clock pulse. Setup and hold
times must also be taken into account.
Figure 5. Data Transfer on I2C Serial Bus
KTZ8866 7-bit slave device address is 0010001 binary (0x11h).
1
SCL
SDA
MSB
REPEATED IF MORE
BYTES ARE
TRANSFERRED
STOP
CONDITION OR
REPEATED
START
CONDITION
START
CONDITION
2
7
8
9
1
2
3-7
8
9
ACK
SLAVE
ADDRESS
R/W
DIRECTION
BIT
ACKNOWLEDGEMENT
SIGNAL FROM
RECEIVER
ACKNOWLEDGEMENT
SIGNAL FROM
RECEIVER
3-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com