Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 7 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 7 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 3Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 4Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 5Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 6Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 7Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 8Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 9Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 10Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 11Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 7 of 37
Company Confidential
Electrical Characteristics4
Unless otherwise noted, the Min and Max specs are applied over the full operation temperature range of
–40°C to +85°C, while Typ values are specified at room temperature (25°C). VIN = 3.6V.
Symbol
Description
Conditions
Min
Typ
Max
Units
Current Sink for LED Backlight
ISINK_ACC
Output current accuracy
Current setting = 30mA, TA = 25°C
-2.0
2.0
%
Current setting = 20mA, TA = 25°C
-2.2
2.2
%
Current setting = 1mA, TA = 25°C
-3.0
3.0
%
ISINK_MATCH
Output current matching6
Current setting = 30mA, TA = 25°C
-0.7
0.7
%
Current setting = 20mA, TA = 25°C
-0.7
0.7
%
Current setting = 1mA, TA = 25°C
-1.5
1.5
%
VHR
Current sink head room voltage
0.45
V
ILED_MIN
Minimum LED current per string
Linear or Exponential mapping
60
µA
ISTEP
LED step size5
Exponential Mode
0.3
%
Linear Mode
14.63
µA
VSOV
Current sink over voltage threshold5
6
V
TFAULT
Current sink fault delay
50
60
70
ms
Boost Converter for LCD Power Bias
VREG
LCD boost output voltage range
4
6.6
V
LCD boost output voltage step size5
50
mV
IREG_LIM
Peak current limit
VIN = 3.6V, TA = 25°C
1.3
1.45
A
FSW
Oscillator frequency
Continuous Mode, TA = 25°C
1.8
2.0
2.2
MHz
EFFLCDBST
Efficiency5
VIN = 3.6 V, VREG_OUT = 5.9 V, 6mA < IO
< 400mA, Typical application circuit
85
%
RON_HS
High side FET on resistance
VIN = 3.6V, TA = 25°C
390
500
mΩ
RON_LS
Low side FET on resistance
VIN = 3.6V, TA = 25°C
200
250
mΩ
VREG_PP
LCD boost output ripple5
Io = 5mA and 200mA, Co = 10µF
50
mVPP
DMAX
Maximum duty cycle
80
86
%
OUTP-Positive Output
OUTP
Positive output voltage range
4.0
6.3
V
Output voltage step size5
50
mV
Output voltage accuracy
VOUTP = 5.5V, no load
-1.5
+1.5
%
IOUTP_MAX
Maximum output current limit
200
mA
IOUTP_LIM
Positive output current limit
VIN = 3.6V, TA = 25°C
200
255
300
mA
VOUTP_LOREG VOUTP LDO load regulation5
0 ≤ Io ≤ IOUTP_MAX
80
mV
VOUTP_DO
VOUTP LDO dropout voltage5
IOUTP = IOUTP_MAX, VOUTP = 5.5V
200
mV
TOUTP_SS
Startup time
Co = 10µF, VOUTP = 5.75V, VOUTP_RAMP
= 2b’01
456
µs
RPD_OUTP
Output pulldown resistor in shutdown
40
70
100
Ω
6 .The current matching among channels is defined as |ISINK-IAVG|MAX/IAVG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com