Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 20 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 20 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 16Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 17Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 18Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 19Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 20Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 21Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 22Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 23Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 24Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 20 of 37
Company Confidential
I2C Brightness
Ramp
Generator
PWM Duty Detector
Map Generator:
Linear or Exponential
DAC
ISINK #1
ISINK #2
ISINK #3
ISINK #4
BOOST
MIN VHR
PWM INPUT
RAMP RATE
MAP MODE
VOUT
ISINK #5
ISINK #6
Figure 4. I2C and PWM Dimming Scheme
Backlight PWM Dimming
In backlight I2C x PWM Mode, the input PWM duty cycle is converted internally to produce a DC output sink
current (not pulsing). When PWM is enabled, it can be programmed as either active high or active low by register
0x02’s bit [2], with active high as default. When PWM dimming is enabled, KTZ8866 uses internal 20MHz
sampling clock to detect the PWM duty cycle. It is recommended to have the minimum PWM on time as 0.1
s.
For the example of 20kHz dimming frequency, the PWM duty cycle range can be 0.2%~100%. The PWM
dimming frequency range can be as wide as 100Hz to 100kHz.
PWM Dimming Step Response and Timeout
If the LED current is changed from one value to the other by PWM dimming duty cycle, the transition ramp
up/down time can be programmed by Register 0x15 bits [2:0]. For this transition ramp, its slope is fixed, so the
final transition ramp time is dependent on the change amount of the PWM duty cycle.
The KTZ8866 PWM timeout feature turns off the boost output when the PWM is enabled and there is no PWM
pulse detected.
PWM to Digital Code Readback
In I2C x PWM control mode, registers 0x12 and 0x13 contain the PWM duty cycle to the 11-bit code conversion
information. Register 0x12 contains the 8 LSBs of the brightness code and register 0x13 the 3 MSBs. They are
suggested to be read out in successive way to make sure the PWM duty result is correct. Too long delay between
reading them may cause incorrect returned result, since input PWM duty may change during the delay time. To
translate this reading to the actual LED current setting of the KTZ8866, convert it to the corresponding duty cycle
and multiply it by the brightness level setting in the brightness registers (0x04 and 0x05).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com