Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 33 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 33 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 29Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 30Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 31Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 32Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 33Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 34Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 35Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 36Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 37Page - Kinetic Technologies.  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 33 of 37
Company Confidential
Table 24. PWM_UP/DOWN_RAMP Register
ADDRESS
MODE
RESET VALUE: 0xF8
0x15
R/W
BIT
NAME
POR
DESCRIPTION
7:3
IFS
11111
Backlight Full-scale LED Current ILED_FS
ILED_FS = 5.2+Code*0.8mA
11111 : 30mA (Default)
….
10100 : 21.2mA
10011 : 20.4mA
10010: 19.6mA
....
00010 : 6.8mA
00001 : 6.0mA
00000 : 5.2mA
2:0
PWM_RAMP_TIME
000
PWM Duty Cycle Transition Ramp Time
000 : 2ms (Default)
001 : 4ms
010 : 8ms
011 : 16ms
100 : 32ms
101 : 64ms
110 : 128ms
111 : 256ms
The time in the table is defined as the time to change between
0% PWM duty cycle and 100% PWM duty cycle. The final
PWM duty cycle transition time is the multiplication of the time
in the table and the difference of the PWM duty cycle change.
Note: The PWM Dimming Transition Ramp Time in the table is defined as the time to change between minimum PWM duty cycle and the maximum PWM
duty cycle. The final transition time is the multiplication of the time in the table and the change of the PWM duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com