Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 32 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 32 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 28Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 29Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 30Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 31Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 32Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 33Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 34Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 35Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 36Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 32 of 37
Company Confidential
Table 21. PWM2DIG_LSBs Register
ADDRESS
MODE
RESET VALUE: 0x00
0x12
R
BIT
NAME
POR
DESCRIPTION
7:0
PWM_TO_DIG
00000000
11-bit PWM-to-digital conversion code LSBs
Table 22. PWM2DIG_MSBs Register
ADDRESS
MODE
RESET VALUE: 0x00
0x13
R
BIT
NAME
POR
DESCRIPTION
7:3
RSVD
00000
2:0
PWM_TO_DIG
000
11-bit PWM-to-digital conversion code MSBs
Note: 0x12 and 0x13 are suggested to be read out in successive way to make sure the PWM duty result is correct. Too long delay between reading them may
cause incorrect returned result, since input PWM may change during the delay time.
Table 23. TURN_ON/OFF_RAMP Register
ADDRESS
MODE
RESET VALUE: 0x44
0x14
R/W
BIT
NAME
POR
DESCRIPTION
7:4
RAMP_ON_TIME
0100
On Ramp Time
0000 : 512µs
0001 : 1ms
0010 : 2ms
0011 : 4ms
0100 : 8ms (Default)
0101 : 16ms
0110 : 32ms
0111 : 64ms
1000 : 128ms
1001 : 256ms
1010 : 512ms
1011 : 1024ms
1100 : 2048ms
1101 : 4096ms
1110 : 8192ms
1111 : 16384ms
3:0
RAMP_OFF_TIME
0100
Off Ramp Time
0000 : 512µs
0001 : 1ms
0010 : 2ms
0011 : 4ms
0100 : 8ms (Default)
0101 : 16ms
0110 : 32ms
0111 : 64ms
1000 : 128ms
1001 : 256ms
1010 : 512ms
1011 : 1024ms
1100 : 2048ms
1101 : 4096ms
1110 : 8192ms
1111 : 16384ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com