Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 12 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 12 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 8Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 9Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 10Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 11Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 12Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 13Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 14Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 15Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 16Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 12 of 37
Company Confidential
Typical Characteristics (continued)
LED Backlight
VIN = 3.6V, 6P6S LEDs, ILED = 30mA, L = 6.8µH (ECS
ECS-MPI4040R4-6R8-R), CIN = 10µF, COUT = 4.7µF,
I2C register default settings, Temp = 25°C unless otherwise specified.
SDA
5V / div
VOUT
10V / div
Inductor
Current
500mA / div
I_S1
20mA / div
4.0ms / div
Turn On by I2C
(8ms)
SDA
5V / div
VOUT
10V / div
Inductor
Current
500mA / div
I_S1
20mA / div
4.0ms / div
Turn Off by I2C
(8ms)
PWM
2V / div
I_S1
20mA / div
100ms / div
Ramp Up/Down Exponential
(256ms)
PWM
2V / div
I_S1
20mA / div
100ms / div
Ramp Up/Down Exponential
(256ms)
LX
10V / div
VOUT (AC)
200mA / div
Inductor
Current
500mA / div
1.0µs / div
Steady State Switching
SDA
2V / div
VOUT (AC)
100mV / div
I_S1
10mA / div
40µs / div
PWM Dimming
(20kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com