Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 34 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 34 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 29Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 30Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 31Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 32Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 33Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 34Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 35Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 36Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 37Page - Kinetic Technologies.  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 34 of 37
Company Confidential
Capacitor Selection
Small size ceramic capacitors with low ESR are ideal for all applications. A 10µF input capacitor and a
4.7µF output capacitor are suggested. The voltage rating of these capacitors should exceed the maximum
possible voltage at the corresponding pins, and these capacitors should be as close as possible to the IC. Table
25 shows the recommended capacitor vendors.
Table 25. Recommended Capacitor Vendors
Manufacturer
Website
Murata
www.murata.com
AVX
www.avx.com
Taiyo Yuden
www.t-yuden.com
Inductor Selection
An inductor of 4.7µH to 10µH with low DCR can be selected for the boost converter. To decide the current rating
of the inductor required for the application, the following equation can be used to estimate the peak inductor
current IPEAK in continuous conduction mode (CCM):
where VOUT(MAX) is the maximum output voltage, VIN(MIN) is the minimum input voltage, IOUT(MAX) is the maximum
output current, FSW
is the boost converter’s switching frequency, L is the inductor value,
 is the boost converter’s
efficiency under that condition. Table 26 shows recommended inductors under different application conditions.
Table 26. Recommended Inductors
Value
(µH)
Manufacturer
Inductor Part Number
DCR
(Ω)
Saturation Current
(A)
EIA Size
(mm)
6.8
ECS INC.
ECS-MPI4040R4-6R8-R
0.091
3.2
4.0 x 4.0 x 1.8
6.8
CYNTEC
CMLB051H-6R8MS
0.125
3.4
5.4 x 5.2 x 1.8
Schottky Diode Selection
Using a schottky diode is recommended because of its low forward voltage drop and fast reverse recovery time.
The average current rating of the schottky diode should exceed the maximum output current, and its peak current
rating should exceed the peak inductor current. Its voltage rating should also exceed the OVP setting. Table 27
shows the recommended schottky diode.
Table 27. Recommended Schottky Diode
Application
Schottky Diode
Part Number
Forward Voltage
(V)
Forward Current
(A)
Reverse Voltage
(V)
Manufacturer
All
PMEG6010CEGWX
0.57
1
60
Nexperia
Capacitor Selection for Dual Output Bias
Small size ceramic capacitors with low ESR are ideal for all applications. A 10µF output capacitor at REG are
suggested. Higher capacitor values can be used to improve the load transient response. The voltage rating of
these capacitors should exceed the maximum possible voltage at the corresponding pins, and these capacitors
should be as close as possible to the IC.
−
+
=
)
(
)
(
)
(
)
(
)
(
)
(
1
2
MAX
OUT
MIN
IN
SW
MIN
IN
MIN
IN
MAX
OUT
MAX
OUT
PEAK
V
V
F
L
V
V
I
V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com